Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1370 Datasheet(PDF) 32 Page - Diodes Incorporated

Part # ZXLD1370
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370 Datasheet(HTML) 32 Page - Diodes Incorporated

Back Button ZXLD1370 Datasheet HTML 25Page - Diodes Incorporated ZXLD1370 Datasheet HTML 26Page - Diodes Incorporated ZXLD1370 Datasheet HTML 27Page - Diodes Incorporated ZXLD1370 Datasheet HTML 28Page - Diodes Incorporated ZXLD1370 Datasheet HTML 29Page - Diodes Incorporated ZXLD1370 Datasheet HTML 30Page - Diodes Incorporated ZXLD1370 Datasheet HTML 31Page - Diodes Incorporated ZXLD1370 Datasheet HTML 32Page - Diodes Incorporated ZXLD1370 Datasheet HTML 33Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
ZXLD1370
ZXLD1370
Document number: DS32165 Rev. 2 - 2
32 of 33
www.diodes.com
May 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Ordering Information
Device
Packaging
Status
Part
Marking
Reel
Quantity
Tape Width
Reel
Size
ZXLD1370EST16TC
TSSOP-16 EP
Active
ZXLD1370
2500
16mm
13”
Package Thermal Data
Thermal Resistance
Package
Unit
Junction-to-Case,
θJC
TSSOP-16 EP
23
°C/W
Package Thermal Data
TSSOP-16 EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com