Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1370 Datasheet(PDF) 27 Page - Diodes Incorporated

Part # ZXLD1370
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370 Datasheet(HTML) 27 Page - Diodes Incorporated

Back Button ZXLD1370 Datasheet HTML 23Page - Diodes Incorporated ZXLD1370 Datasheet HTML 24Page - Diodes Incorporated ZXLD1370 Datasheet HTML 25Page - Diodes Incorporated ZXLD1370 Datasheet HTML 26Page - Diodes Incorporated ZXLD1370 Datasheet HTML 27Page - Diodes Incorporated ZXLD1370 Datasheet HTML 28Page - Diodes Incorporated ZXLD1370 Datasheet HTML 29Page - Diodes Incorporated ZXLD1370 Datasheet HTML 30Page - Diodes Incorporated ZXLD1370 Datasheet HTML 31Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
ZXLD1370
ZXLD1370
Document number: DS32165 Rev. 2 - 2
27 of 33
www.diodes.com
May 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
The ZXLD1370 is inherently protected against open-circuit load when used in Buck configuration. However care has to be
taken with open-circuit load conditions in Buck-Boost or Boost configurations. This is because in these configurations there
is no internal open-circuit protection mechanism for the external MOSFET. In this case an Over-Voltage-Protection (OVP)
network should be provided externally to the MOSFET to avoid damage due to open circuit conditions. This is shown in
Figure 33 below, highlighted in the dotted blue box.
Fig 37: OVP circuit
The zener voltage is determined according to: Vz = VLEDMAX +10%
Take care of the max voltage drop on the Q2 MOSFET gate.
PCB Layout considerations
PCB layout is a fundamental activity to get the most of the device in all configurations. In the following section it is possible
to find some important insight to design with the ZXLD1370 both in Buck and Buck-Boost/Boost configurations.
Figure 38: Circuit Layout
Here are some considerations useful for the PCB layout:
In order to avoid ringing due to stray inductances, the inductor L1, the anode of D1 and the drain of Q1 should be
placed as close together as possible.
SHP pin
VIN / VAUX
decoupling
Inductor, Switch
and
Freewheeling
diode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com