Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1370 Datasheet(PDF) 22 Page - Diodes Incorporated

Part # ZXLD1370
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370 Datasheet(HTML) 22 Page - Diodes Incorporated

Back Button ZXLD1370 Datasheet HTML 18Page - Diodes Incorporated ZXLD1370 Datasheet HTML 19Page - Diodes Incorporated ZXLD1370 Datasheet HTML 20Page - Diodes Incorporated ZXLD1370 Datasheet HTML 21Page - Diodes Incorporated ZXLD1370 Datasheet HTML 22Page - Diodes Incorporated ZXLD1370 Datasheet HTML 23Page - Diodes Incorporated ZXLD1370 Datasheet HTML 24Page - Diodes Incorporated ZXLD1370 Datasheet HTML 25Page - Diodes Incorporated ZXLD1370 Datasheet HTML 26Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
ZXLD1370
ZXLD1370
Document number: DS32165 Rev. 2 - 2
22 of 33
www.diodes.com
May 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Buck mode - L=33uH - Rs = 150m
Ω - PWM @1kHz
0.00
250.00
500.00
750.00
1000.00
1250.00
1500.00
0
10
20304050
60
7080
90
100
PWM
0%
1%
2%
3%
4%
5%
6%
7%
8%
9%
10%
PWM @ 1kHz
Error
Figure 27: LED current linearity and accuracy with PWM dimming at 1kHz
For a PWM frequency of 100Hz, the error on the current linearity is lower than 2.5%; it becomes negligible for PWM greater
than 5%. This is shown in the graph below:
Buck mode - L=33uH - Rs = 150m
Ω - PWM @100Hz
0.00
250.00
500.00
750.00
1000.00
1250.00
1500.00
0
1020
3040506070
8090
100
PWM
0%
1%
2%
3%
4%
5%
6%
7%
8%
9%
10%
PWM @100Hz
Error
Figure 28: LED current linearity and accuracy with PWM dimming at 100Hz
The PWM pin is designed to be driven by both 3.3V and 5V logic levels. It can be driven also by an open drain/collector
transistor. In this case the designer can either use the internal pull-up network or an external pull-up network in order to
speed-up PWM transitions, as shown in the Boost/ Buck-Boost section.
Figure 29: PWM dimming from open collector switch
Figure 30: PWM dimming from MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com