Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1370 Datasheet(PDF) 31 Page - Diodes Incorporated

Part # ZXLD1370
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370 Datasheet(HTML) 31 Page - Diodes Incorporated

Back Button ZXLD1370 Datasheet HTML 25Page - Diodes Incorporated ZXLD1370 Datasheet HTML 26Page - Diodes Incorporated ZXLD1370 Datasheet HTML 27Page - Diodes Incorporated ZXLD1370 Datasheet HTML 28Page - Diodes Incorporated ZXLD1370 Datasheet HTML 29Page - Diodes Incorporated ZXLD1370 Datasheet HTML 30Page - Diodes Incorporated ZXLD1370 Datasheet HTML 31Page - Diodes Incorporated ZXLD1370 Datasheet HTML 32Page - Diodes Incorporated ZXLD1370 Datasheet HTML 33Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
ZXLD1370
ZXLD1370
Document number: DS32165 Rev. 2 - 2
31 of 33
www.diodes.com
May 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Figure 45: Application circuit - 700mA Buck-Boost LED driver
Table 5: Bill of Material
Ref No.
Value
Part No.
Manufacturer
U1
60V LED driver
ZXLD1370
Diodes Inc
Q1
60V MOSFET
ZXMN6A25G
Diodes Inc
Q2
60V MOSFET
2N7002A
Diodes Inc
D1
100V 5A Schottky
PDS5100-13
Diodes Inc
Z1
47V 410mW Zener
BZT52C47
Diodes Inc
L1
22uH 2.1A
744771122
Wurth Electronik
C1
100pF 50V
SMD 0805/0603
Generic
C3 C9
4.7uF 50V X7R
SMD1210
Generic
C2
1uF 50V X7R
SMD1206
Generic
R1 R2 R3
300m
Ω 1%
SMD1206
Generic
R9
33K
Ω 1%
SMD 0805/0603
Generic
R10
15K
Ω 1%
SMD 0805/0603
Generic
R12
0
Ω
SMD 0805/0603
Generic
R15
2.7K
Ω
SMD 0805/0603
Generic
Typical Performance
Efficiency vs Input Voltage
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
7
8
9
10
1112131415
16
17
181920
Input Voltage
Figure 46: Efficiency
LED Current vs Input Voltage
0
100
200
300
400
500
600
700
800
7
8
9
10
11
12
13
14
15
16
17
18
19
20
Input Voltage
Figure 47: Line regulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com