Electronic Components Datasheet Search
  English  ▼

X  

LM3414 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3414
Description  1A 60W* Common Anode Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3414 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3414 Datasheet HTML 1Page - National Semiconductor (TI) LM3414 Datasheet HTML 2Page - National Semiconductor (TI) LM3414 Datasheet HTML 3Page - National Semiconductor (TI) LM3414 Datasheet HTML 4Page - National Semiconductor (TI) LM3414 Datasheet HTML 5Page - National Semiconductor (TI) LM3414 Datasheet HTML 6Page - National Semiconductor (TI) LM3414 Datasheet HTML 7Page - National Semiconductor (TI) LM3414 Datasheet HTML 8Page - National Semiconductor (TI) LM3414 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Pin Descriptions
Pin(s)
Name
Description
Application Information
1
VCC
Internal Regulator Output Pin
This pin should be bypassed to ground by a ceramic capacitor
with a minimum value of 1µF.
2
PGND
Power Ground Pin
Ground for power circuitry. Reference point for all stated
voltages. Must be externally connected to EP and GND.
3
IADJ
Average Output Current Adjustment Pin
Connect resistor R
IADJ from this pin to ground to adjust the
average output current.
4
GND
Analog Ground Pin
Analog ground connection for internal circuitry, must be
connected to PGND external to the package.
5
FS
Switching Frequency Setting Pin
Connect resistor R
FS from this pin to ground to set the
switching frequency.
6
DIM
PWM Dimming Control Pin
Apply logic level PWM signal to this pin controls the intend
brightness of the LED string.
7
LX
Drain of N-MOSFET Switch
Connect this pin to the output inductor and anode of the
schottky diode.
8
VIN
Input Voltage Pin
The input voltage should be in the range of 4.5V to 42V
(LM3414) or 4.5V to 65V (LM3414HV).
EP
EP
Thermal Pad (Power Ground)
Used to dissipate heat from the package during operation.
Must be electrically connected to PGND external to the
package.
3
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com