Electronic Components Datasheet Search
  English  ▼

X  

LM3414 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3414
Description  1A 60W* Common Anode Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3414 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM3414 Datasheet HTML 12Page - National Semiconductor (TI) LM3414 Datasheet HTML 13Page - National Semiconductor (TI) LM3414 Datasheet HTML 14Page - National Semiconductor (TI) LM3414 Datasheet HTML 15Page - National Semiconductor (TI) LM3414 Datasheet HTML 16Page - National Semiconductor (TI) LM3414 Datasheet HTML 17Page - National Semiconductor (TI) LM3414 Datasheet HTML 18Page - National Semiconductor (TI) LM3414 Datasheet HTML 19Page - National Semiconductor (TI) LM3414 Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
DESIGN EXAMPLE
Figure 7 shows an example circuit for analog dimming control
using simple external biasing circuitry with a variable resistor.
30124827
FIGURE 7. Example Analog Dimming Control Circuit
In the figure, the variable resistor VR1 controls the base volt-
age of Q1 and eventually adjusts the bias voltage of current
to the IADJ pin (I
EXT). As the resistance of VR1 increases and
the voltage across VR1 exceeds 1.255V + 0.7V, the LED cur-
rent starts to decrease as I
EXT increases.
where
The analog dimming begins only when I
EXT > 0.
DESIGN CONSIDERATIONS
The overall performance of the LED driver is highly depends
on the PCB layout and component selection. To minimize
connection losses and parasitic inductance of the traces, the
best practice is to keep the copper traces connecting the in-
ductor, power switch and rectifier short and thick . Long traces
on critical power paths will introduce voltage and current
spikes to the LM3414/LM3414HV. If the voltage spike level
exceeds the absolute maximum pin voltage of the LM3414, it
could damage the device and LEDs. To avoid physical dam-
age of the circuit, a Transient Voltage Suppressor (TVS) can
be added across VIN and GND pins to suppress the spike
voltage. This also helps in absorbing the input voltage spike
when the circuit is powered through physical switch upon
power up.
17
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com