Electronic Components Datasheet Search
  English  ▼

X  

LM3414 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3414
Description  1A 60W* Common Anode Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3414 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM3414 Datasheet HTML 1Page - National Semiconductor (TI) LM3414 Datasheet HTML 2Page - National Semiconductor (TI) LM3414 Datasheet HTML 3Page - National Semiconductor (TI) LM3414 Datasheet HTML 4Page - National Semiconductor (TI) LM3414 Datasheet HTML 5Page - National Semiconductor (TI) LM3414 Datasheet HTML 6Page - National Semiconductor (TI) LM3414 Datasheet HTML 7Page - National Semiconductor (TI) LM3414 Datasheet HTML 8Page - National Semiconductor (TI) LM3414 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Absolute Maximum Ratings
(LM3414HV) (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
VIN to GND
-0.3V to 65V
VIN to GND (Transient)
67V (500 ms)
LX to PGND
-0.3V to 65V
LX to PGND (Transient)
-3V(2 ns) to 67V (500 ms)
FS, IADJ to GND
-0.3V to 5V
DIM to GND
-0.3V to 6V
ESD Rating
Human Body Mode (Note 2)
2kV
Storage Temp. Range
-65°C to 125°C
Soldering Information
Lead Temp. (Soldering 10s)
260°C
Infrared/Convection Reflow (20sec)
235°C
Operating Ratings (LM3414HV)
V
IN
4.5V to 65V
Junction Temperature Range
−40°C to +125°C
Thermal Resistance
θ
JA
(ePSOP-8 Package)
45°C/W
Thermal Resistance
θ
JA
(LLP-8 Package)
54°C/W
5
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com