Electronic Components Datasheet Search
  English  ▼

X  

LM3414 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3414
Description  1A 60W* Common Anode Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3414 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM3414 Datasheet HTML 4Page - National Semiconductor (TI) LM3414 Datasheet HTML 5Page - National Semiconductor (TI) LM3414 Datasheet HTML 6Page - National Semiconductor (TI) LM3414 Datasheet HTML 7Page - National Semiconductor (TI) LM3414 Datasheet HTML 8Page - National Semiconductor (TI) LM3414 Datasheet HTML 9Page - National Semiconductor (TI) LM3414 Datasheet HTML 10Page - National Semiconductor (TI) LM3414 Datasheet HTML 11Page - National Semiconductor (TI) LM3414 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Typical Performance Characteristics All curves taken at V
IN = 48V with configuration in typical
application for driving twelve power LEDs with I
LED = 1A shown in this datasheet. TA = 25°C, unless otherwise specified.
I
OUT vs VIN, (4 - 8 LED)
LM3414HV
30124843
I
OUT vs VIN, (10 - 18 LED)
LM3414HV
30124844
Efficiency vs V
IN, (4 - 8 LED)
LM3414HV
30124859
Efficiency vs V
IN, (10 - 18 LED)
LM3414HV
30124860
I
OUT vs Temperature (TA)
(6 LED, V
IN = 24V), LM3414HV
30124841
I
OUT vs Temperature (TA)
(12 LED, V
IN = 48V), LM3414HV
30124842
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com