Electronic Components Datasheet Search
  English  ▼

X  

LM3414 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3414
Description  1A 60W* Common Anode Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3414 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM3414 Datasheet HTML 8Page - National Semiconductor (TI) LM3414 Datasheet HTML 9Page - National Semiconductor (TI) LM3414 Datasheet HTML 10Page - National Semiconductor (TI) LM3414 Datasheet HTML 11Page - National Semiconductor (TI) LM3414 Datasheet HTML 12Page - National Semiconductor (TI) LM3414 Datasheet HTML 13Page - National Semiconductor (TI) LM3414 Datasheet HTML 14Page - National Semiconductor (TI) LM3414 Datasheet HTML 15Page - National Semiconductor (TI) LM3414 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
30124845
FIGURE 1. Switching Frequency vs R
FS
f
SW (kHz)
R
FS (kΩ)
250
80
500
40
1000
20
TABLE 1. Examples for f
SW Settings
To ensure accurate current regulation, the LM3414/14HV
should be operated in continuous conduction mode (CCM)
and the on time should not be shorter than 400 ns under all
operation condition.
SETTING LED CURRENT
The LM3414/14HV requires no external current sensing re-
sistor for LED current regulation. The average output current
of the LM3414/14HV is adjustable by varying the resistance
of the resistor, R
IADJ that connects across the IADJ and GND
pins. The IADJ pin is internally biased to 1.255V. The LED
current is then governed by the following equation:
where 350 mA < I
LED < 1A
30124822
FIGURE 2. LED Current vs R
IADJ
I
OUT (mA)
R
IADJ (kΩ)
350
8.93
500
6.25
700
4.46
1000
3.13
TABLE 2. Examples for I
OUT Settings
The LED current can be set to any level in the range from 350
mA to 1A. In order to provide accurate LED current, R
IADJ
should be a resistor with no more than 0.5% tolerance. If the
IADJ pin is accidentally shorted to GND (R
IADJ = 0), the output
current will be limited to avoid damaging the circuit. When the
over current protection is activated, current regulation cannot
be maintained until the over-current condition is cleared.
MINIMUM SWITCH ON-TIME
As the LM3414 features a 400 ns minimum ON time, it is es-
sential to make sure the ON time of the internal switch is not
shorter than 400 ns when setting the LED driving current. If
the switching ON time is shorter than 400 ns, the accuracy of
the LED current may not maintain and exceed the rated cur-
rent of the LEDs. The ratio of the LED forward voltage to input
voltage is restricted by the following restriction:
PEAK SWITCH CURRENT LIMIT
The LM3414/14HV features an integrated switch current lim-
iting mechanism that protects the LEDs from being overdriv-
en. The switch current limiter will be triggered when the switch
current is three times exceeding the current level set by
R
IADJ. Once the current limiter is triggered, the internal power
switch turns OFF for 3.6 µs to allow the inductor to discharge
and cycles repetitively until the over current condition is re-
moved. The current limiting feature is exceptionally important
to avoid permanent damage of the LM3414/14HV application
circuit due to short circuit of LED string.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com