Electronic Components Datasheet Search
  English  ▼

X  

LM3414 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3414
Description  1A 60W* Common Anode Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3414 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM3414 Datasheet HTML 10Page - National Semiconductor (TI) LM3414 Datasheet HTML 11Page - National Semiconductor (TI) LM3414 Datasheet HTML 12Page - National Semiconductor (TI) LM3414 Datasheet HTML 13Page - National Semiconductor (TI) LM3414 Datasheet HTML 14Page - National Semiconductor (TI) LM3414 Datasheet HTML 15Page - National Semiconductor (TI) LM3414 Datasheet HTML 16Page - National Semiconductor (TI) LM3414 Datasheet HTML 17Page - National Semiconductor (TI) LM3414 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
PULSE-LEVEL-MODULATION (PLM) OPERATION
PRINCIPLES
The Pulse-Level-Modulation is a patented method to ensure
accurate average output current regulation without the need
of direct output current sensing. Figure 3 shows the current
waveforms of a typical buck converter under steady state,
where, I
L1 is the inductor current and ILX is the main switch
current flowing into the LX pin. For a buck converter operating
in steady state, the mid-point of the RAMP section of the main
switch current is equal to the average level of the inductor
current hence the average output current. In short, by regu-
lating the mid-point of the RAMP section of the main switch
current with respect to a precise reference level, PLM
achieves output current regulation by sensing the main switch
current solely.
PWM DIMMING CONTROL
The DIM pin of the LM3414/14HV is an input with internal pull-
up that accepts logic signals for average LED current control.
Applying a logic high (above 1.2V) signal to the DIM pin or
leaving the DIM pin open will enable the device. Applying a
logic low signal (below 0.9V) to the DIM pin will disable the
switching activity of the device but maintain VCC regulator
active. The LM3414/14HV allows the inductor current to slew
up to the preset regulated level at full speed instead of charg-
ing the inductor with multiple restrained switching duty cycles.
This enables the LM3414/14HV to achieve high speed dim-
ming and very fine dimming control as shown in Figure 4 and
Figure 5:
30124824
FIGURE 4. LED Current Slews up with Multiple Switching Cycle
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com