Electronic Components Datasheet Search
  English  ▼

X  

AD8362 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8362
Description  50 Hz to 3.8 GHz 65 dB TruPwr??Detector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8362 Datasheet(HTML) 1 Page - Analog Devices

  AD8362 Datasheet HTML 1Page - Analog Devices AD8362 Datasheet HTML 2Page - Analog Devices AD8362 Datasheet HTML 3Page - Analog Devices AD8362 Datasheet HTML 4Page - Analog Devices AD8362 Datasheet HTML 5Page - Analog Devices AD8362 Datasheet HTML 6Page - Analog Devices AD8362 Datasheet HTML 7Page - Analog Devices AD8362 Datasheet HTML 8Page - Analog Devices AD8362 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
50 Hz to 3.8 GHz
65 dB TruPwr™ Detector
AD8362
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2003–2007 Analog Devices, Inc. All rights reserved.
FEATURES
Complete fully calibrated measurement/control system
Accurate rms-to-dc conversion from 50 Hz to 3.8 GHz
Input dynamic range of >65 dB: −52 dBm to +8 dBm in 50 Ω
Waveform and modulation independent, such as
GSM/CDMA/TDMA
Linear-in-decibels output, scaled 50 mV/dB
Law conformance error of 0.5 dB
All functions temperature and supply stable
Operates from 4.5 V to 5.5 V at 24 mA
Power-down capability to 1.3 mW
APPLICATIONS
Power amplifier linearization/control loops
Transmitter power controls
Transmitter signal strength indication (TSSI)
RF instrumentation
FUNCTIONAL BLOCK DIAGRAM
BIAS
x2
VOUT
VSET
PWDN
COMM
VREF
AD8362
INHI
INLO
VTGT
VPOS
CLPF
CHPF
x2
ACOM
DECL
Figure 1.
GENERAL DESCRIPTION
The AD8362 is a true rms-responding power detector that has
a 65 dB measurement range. It is intended for use in a variety of
high frequency communication systems and in instrumentation
requiring an accurate response to signal power. It is easy to use,
requiring only a single supply of 5 V and a few capacitors. It can
operate from arbitrarily low frequencies to over 3.8 GHz and
can accept inputs that have rms values from 1 mV to at least
1 V rms, with large crest factors, exceeding the requirements
for accurate measurement of CDMA signals.
The input signal is applied to a resistive ladder attenuator that
comprises the input stage of a variable gain amplifier (VGA).
The 12 tap points are smoothly interpolated using a proprietary
technique to provide a continuously variable attenuator, which
is controlled by a voltage applied to the VSET pin. The resulting
signal is applied to a high performance broadband amplifier. Its
output is measured by an accurate square-law detector cell. The
fluctuating output is then filtered and compared with the output
of an identical squarer, whose input is a fixed dc voltage applied
to the VTGT pin, usually the accurate reference of 1.25 V pro-
vided at the VREF pin.
The difference in the outputs of these squaring cells is integrated
in a high gain error amplifier, generating a voltage at the VOUT
pin with rail-to-rail capabilities. In a controller mode, this low
noise output can be used to vary the gain of a host system’s RF
amplifier, thus balancing the setpoint against the input power.
Optionally, the voltage at VSET can be a replica of the RF signal’s
amplitude modulation, in which case the overall effect is to
remove the modulation component prior to detection and low-
pass filtering. The corner frequency of the averaging filter can
be lowered without limit by adding an external capacitor at the
CLPF pin. The AD8362 can be used to determine the true power
of a high frequency signal having a complex low frequency
modulation envelope, or simply as a low frequency rms volt-
meter. The high-pass corner generated by its offset-nulling
loop can be lowered by a capacitor added on the CHPF pin.
Used as a power measurement device, VOUT is strapped to
VSET. The output is then proportional to the logarithm of the
rms value of the input. In other words, the reading is presented
directly in decibels and is conveniently scaled 1 V per decade,
or 50 mV/dB; other slopes are easily arranged. In controller
modes, the voltage applied to VSET determines the power level
required at the input to null the deviation from the setpoint.
The output buffer can provide high load currents.
The AD8362 has 1.3 mW power consumption when powered
down by a logic high applied to the PWDN pin. It powers up
within about 20 μs to its nominal operating current of 20 mA at
25°C. The AD8362 is supplied in a 16-lead TSSOP for operation
over the temperature range of −40°C to +85°C.


Similar Part No. - AD8362

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8362 AD-AD8362 Datasheet
11Kb / 36P
50 Hz to 2.7 GHz 60 dB TruPwr??Detector
3/04-Data Sheet Changed from Rev. A to Rev. B.
AD8362 AD-AD8362 Datasheet
896Kb / 32P
50 Hz to 3.8 GHz 65 dB TruPwr Detector
Rev. E
AD8362 AD-AD8362 Datasheet
1,012Kb / 33P
50 Hz to 3.8 GHz 65 dB TruPwr™ Detector
Rev. F
AD8362-EVAL AD-AD8362-EVAL Datasheet
11Kb / 36P
50 Hz to 2.7 GHz 60 dB TruPwr??Detector
3/04-Data Sheet Changed from Rev. A to Rev. B.
AD8362-EVALZ AD-AD8362-EVALZ Datasheet
1,012Kb / 33P
50 Hz to 3.8 GHz 65 dB TruPwr™ Detector
Rev. F
More results

Similar Description - AD8362

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8362 AD-AD8362 Datasheet
11Kb / 36P
50 Hz to 2.7 GHz 60 dB TruPwr??Detector
3/04-Data Sheet Changed from Rev. A to Rev. B.
ADL5501 AD-ADL5501 Datasheet
1Mb / 28P
50 MHz to 4 GHz TruPwr Detector
9/06-Revision 0
AD8363 AD-AD8363 Datasheet
3Mb / 14P
50 Hz to 6 GHz 50 dB TruPwr Detector
Rev. PrB
AD8363 AD-AD8363_09 Datasheet
2Mb / 36P
50 Hz to 6 GHz, 50 dB TruPwr??Detector
REV. 0
ADL5902 AD-ADL5902 Datasheet
2Mb / 28P
50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
ADL5501 AD-ADL5501_09 Datasheet
2Mb / 28P
50 MHz to 6 GHz TruPwr Detector
REV. B
AD8362 AD-AD8362_15 Datasheet
896Kb / 32P
50 Hz to 3.8 GHz 65 dB TruPwr Detector
Rev. E
ADL5501 AD-ADL5501_15 Datasheet
2Mb / 28P
50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5902 AD-ADL5902_16 Datasheet
2Mb / 29P
50 MHz to 9 GHz 65 dB TruPwr Detector
Rev. B
AD8363 AD-AD8363_15 Datasheet
1Mb / 29P
50 Hz to 6 GHz, 50 dB TruPwr Detector
3/15-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com