Electronic Components Datasheet Search
  English  ▼

X  

AD8362 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8362
Description  50 Hz to 3.8 GHz 65 dB TruPwr??Detector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8362 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8362 Datasheet HTML 5Page - Analog Devices AD8362 Datasheet HTML 6Page - Analog Devices AD8362 Datasheet HTML 7Page - Analog Devices AD8362 Datasheet HTML 8Page - Analog Devices AD8362 Datasheet HTML 9Page - Analog Devices AD8362 Datasheet HTML 10Page - Analog Devices AD8362 Datasheet HTML 11Page - Analog Devices AD8362 Datasheet HTML 12Page - Analog Devices AD8362 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
AD8362
Rev. D | Page 9 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
0
–60
1.0
–55 –50 –45 –40 –35 –30 –25 –20 –15
–5 0
5
10
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.5
15
900MHz
100MHz
1900MHz
–10
2200MHz
2700MHz
INPUT AMPLITUDE (dBm)
Figure 8. Output Voltage (VOUT) vs. Input Amplitude (dBm),
Frequencies: 100 MHz, 900 MHz, 1900 MHz, 2200 MHz, and 2700 MHz;
Sine Wave, Differential Drive
INPUT AMPLITUDE (dBm)
–3.0
–60
–1.5
–55 –50 –45 –40 –35 –30 –25 –20 –15
–5
0
5
10
–1.0
–0.5
0.5
1.0
1.5
2.0
2.5
–2.0
15
900MHz
1900MHz
2700MHz
2200MHz
–2.5
3.0
100MHz
–10
0
Figure 9. Logarithmic Law Conformance vs. Input Amplitude,
Frequencies: 100 MHz, 900 MHz, 1900 MHz, 2200 MHz, and 2700 MHz;
Sine Wave, Differential Drive
INPUT AMPLITUDE (dBm)
0
–55
0.8
–50 –45 –40 –35 –30 –25 –20 –15
–5
0
5
10
1.2
1.6
2.0
2.4
2.8
3.2
3.6
0.4
15
+25°C
4.0
–40°C
+25°C
+85°C
+85°C
–40°C
–3.0
–2.4
–1.8
–1.2
0
0.6
1.2
1.8
2.4
3.0
–10
–0.6
Figure 10. VOUT and Law Conformance vs. Input Amplitude,
Frequency 900 MHz, Sine Wave, Temperatures: −40°C, +25°C, and +85°C
INPUT AMPLITUDE (dBm)
–40°C
+25°C
+85°C
–40°C
+85°C
–60 –55 –50 –45 –40 –35 –30 –25 –20 –15
–5
0
5
10 15
–10
0.4
0
0.8
1.2
1.6
2.0
2.4
2.8
3.6
3.2
4.0
–3.0
–1.2
–0.6
0
1.2
1.8
2.4
3.0
–1.8
–2.4
0.6
+25°C
Figure 11. VOUT and Law Conformance vs. Input Amplitude,
Frequency 1900 MHz, Sine Wave, Temperatures: −40°C, +25°C, and +85°C
INPUT AMPLITUDE (dBm)
0.4
0
–60
0.8
–50 –45 –40 –35 –30 –25 –20 –15
–5
0
5
10
1.2
1.6
2.0
2.4
2.8
3.6
15
+25°C
–40°C
+25°C
+85°C
–40°C
3.2
4.0
+85°C
–55
–10
–3.0
–1.2
–0.6
0
1.2
1.8
2.4
3.0
–1.8
–2.4
0.6
Figure 12. VOUT and Law Conformance vs. Input Amplitude,
Frequency 2200 MHz, Sine Wave, Temperatures: −40°C, +25°C, and +85°C
INPUT AMPLITUDE (dBm)
0
–60
1.0
–55 –50 –45 –40 –35 –30 –25 –20 –15
–5
0
5
10
1.5
2.0
2.5
3.0
3.5
4.0
0.5
15
W-CDMA 15-CHANNEL
CW
W-CDMA 8-CHANNEL
–10
IS95 REVERSE LINK
Figure 13. VOUT vs. Input Amplitude with Different Waveforms, CW, IS95
Reverse Link, W-CDMA 8-Channel, W-CDMA 15-Channel, Frequency 900 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com