Electronic Components Datasheet Search
  English  ▼

X  

AD8362 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8362
Description  50 Hz to 3.8 GHz 65 dB TruPwr??Detector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8362 Datasheet(HTML) 3 Page - Analog Devices

  AD8362 Datasheet HTML 1Page - Analog Devices AD8362 Datasheet HTML 2Page - Analog Devices AD8362 Datasheet HTML 3Page - Analog Devices AD8362 Datasheet HTML 4Page - Analog Devices AD8362 Datasheet HTML 5Page - Analog Devices AD8362 Datasheet HTML 6Page - Analog Devices AD8362 Datasheet HTML 7Page - Analog Devices AD8362 Datasheet HTML 8Page - Analog Devices AD8362 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
AD8362
Rev. D | Page 3 of 32
SPECIFICATIONS
VS = 5 V, T = 25°C, ZO = 50 Ω, differential input drive via balun1, VTGT connected to VREF, VOUT tied to VSET, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
OVERALL FUNCTION
Maximum Input Frequency
3.8
GHz
Input Power Range (Differential)
dB referred to 50 Ω impedance level, f ≤ 2.7 GHz, into 1:4 balun1
Nominal Low End of Range
−52
dBm
Nominal High End of Range
8
dBm
Input Voltage Range (Differential)
RMS voltage at input terminals, f ≤ 2.7 GHz, into input of the device
Nominal Low End of Range
1.12
mV rms
Nominal High End of Range
1.12
V rms
Input Power Range (S-Sided)
Single-ended drive, CW input, f ≤ 2.7 GHz, into input resistive network2
Nominal Low End of Range
−40
dBm
Nominal High End of Range
0
dBm
Input Voltage Range (S-Sided)
RMS voltage at input terminals, f ≤ 2.7 GHz
Nominal Low End of Range
2.23
mV rms
Nominal High End of Range
2.23
V rms
Input Power Range (S-Sided)
Single-ended drive, CW input, f ≥ 2.7 GHz, into matched input network3
Nominal Low End of Range
−35
dBm
Nominal High End of Range
124
dBm
Output Voltage Range
RL ≥ 200 Ω to ground
Nominal Low End of Range
100
mV
Nominal High End of Range
In general, VS − 0.1 V
4.9
V
Output Scaling (Log Slope)
50
mV/dB
Law Conformance Error
Over central 60 dB range, f ≤ 2.7 GHz
±0.5
dB
RF INPUT INTERFACE
Pin INHI, Pin INLO, ac-coupled, at low frequencies
Input Resistance
Single-ended drive, with respect to DECL
100
Ω
Differential drive
200
Ω
OUTPUT INTERFACE
Pin VOUT
Available Output Range
RL ≥ 200 Ω to ground
0.1
4.9
V
Absolute Voltage Range
Nominal Low End of Range
Measurement mode, f = 900 MHz, PIN = −52 dBm
0.32
0.48
V
Nominal High End of Range
Measurement mode, f = 900 MHz, PIN = +8 dBm
3.44
3.52
V
Source/Sink Current
VOUT held at VS/2, to 1% change
48
mA
Slew Rate Rising
CL = open
60
V/μs
Slew Rate Falling
CL = open
5
V/μs
Rise Time, 10% to 90%
0.2 V to 1.8 V, CLPF = Open
45
ns
Fall Time, 90% to 10%
1.8 V to 0.2 V, CLPF = Open
0.4
μs
Wideband Noise
CLPF = 1000 pF, fSPOT ≤ 100 kHz
70
nV/√Hz
VSET INTERFACE
Pin VSET
Nominal Input Voltage Range
To ±1 dB error
0.5
3.75
V
Input Resistance
68
kΩ
Scaling (Log Slope)
f = 900 MHz
46
50
54
mV/dB
Scaling (Log Intercept)
f = 900 MHz, into 1:4 balun
−64
−60
−56
dBm
−77
−73
−69
dBV
VOLTAGE REFERENCE
Pin VREF
Output Voltage
25°C
1.225
1.25
1.275
V
Temperature Sensitivity
−40°C ≤ TA ≤ +85°C
0.08
mV/°C
Output Resistance
8
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com