Electronic Components Datasheet Search
  English  ▼

X  

AD8362 Datasheet(PDF) 24 Page - Analog Devices

Part # AD8362
Description  50 Hz to 3.8 GHz 65 dB TruPwr??Detector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8362 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8362 Datasheet HTML 20Page - Analog Devices AD8362 Datasheet HTML 21Page - Analog Devices AD8362 Datasheet HTML 22Page - Analog Devices AD8362 Datasheet HTML 23Page - Analog Devices AD8362 Datasheet HTML 24Page - Analog Devices AD8362 Datasheet HTML 25Page - Analog Devices AD8362 Datasheet HTML 26Page - Analog Devices AD8362 Datasheet HTML 27Page - Analog Devices AD8362 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
AD8362
Rev. D | Page 24 of 32
TEMPERATURE COMPENSATION AT VARIOUS WiMAX FREQUENCIES UP TO 3.8 GHz
The AD8362 is ideally suited for measuring WiMAX type
signals because crest factor changes in the modulation scheme
have very little affect on the accuracy of the measurement.
However, at higher frequencies, the AD8362 drifts more over
temperature often making temperature compensation necessary.
Temperature compensation is possible because the part-to-part
variation over temperature is small, and temperature change
only causes a shift in the AD8362’s intercept. Typically, users
choose to compensate for temperature changes digitally. How-
ever, temperature compensation is possible using an analog
temperature sensor. Because the drift of the output voltage is
due mainly to intercept shift, the whole transfer function tends
to drop with increasing temperature, while the slope remains
quite stable. This makes the temperature drift independent of
input level. Compensating the drift based on a particular
input level (for example, −15 dBm), holds up well over the
dynamic range.
Figure 59 through Figure 63 show these results. The compensa-
tion is simple and relies on the TMP36 precision temperature
sensor driving one side of the resistor divider as the AD8362
drives the other side. The output is at the junction of the two
resistors (see Figure 58). At 25°C, TMP36 has an output voltage
of 750 mV and a temperature coefficient of 10 mV/°C. As the
temperature increases, the voltage from the AD8362 drops and
the voltage from the TMP36 rises. R1 and R2 are chosen so the
voltage at the center of the resistor divider remains steady over
temperature. In practice, R2 is much larger than R1 so that the
output voltage from the circuit is close to the voltage of the VOUT
pin. The resistor ratio R2/R1 is determined by the temperature
drift of the AD8362 at the frequency of interest. To calculate the
values of R1 and R2, first calculate the drift at a particular input
level, −15 dBm in this case. To do this, calculate the average
drift over the temperature range from 25°C to 85°C. Using the
following equation, the average drift in dB/°C is obtained.
e
Temperatur
Error
Δ
dB
C
dB/
=
°
(16)
In this example, the drift of the AD8362 from 25°C to 85°C is
−2.07 dB and the temperature delta is 60°C, which results in
−0.0345 dB/°C drift. This temperature drift in dB/°C is con-
verted to mV/°C through multiplication by the logarithmic slope
(51 mV/dB at 2350 MHz). The result is −1.76 mV/°C. The
following equation calculates the values of R1 and R2:
C)
(mV/
C
mV/
10
°
°
=
Drift
AD8362
R1
R2
(17)
Table 5 shows the resultant values for R2 and R1 for frequen-
cies ranging from 2350 MHz to 3650 MHz. Figure 59 through
Figure 63 show the performance over temperature for the
AD8362 with temperature compensation at frequencies across
the WiMAX band. The compensation factor chosen optimizes
temperature drift in the 25°C to 85°C range. This can be altered
depending on the temperature requirements for the application.
Table 5. Recommended Resistor Values for Temperature
Compensation at Various Frequencies
Freq.
(MHz)
Average
Drift @
−15 dBm
(dB/°C)
Slope
(mV/dB)
Average
Drift @
−15 dBm
(mV/°C)
R1
(kΩ)
R2
(kΩ)
2350
−0.0345
51
−1.7600
4.99
28
2600
−0.0440
51.45
−2.2639
4.99
22.1
2800
−0.0486
51.68
−2.5102
4.99
20
3450
−0.0531
51.61
−2.7402
4.99
18.2
3650
−0.0571
51.73
−2.9544
4.99
16.9
INHI
INLO
CLPF
VSET
VOUT
VOUT
0.1µF
VTGT
VREF
0.1µF
R1
R2
5V
AD8362
1nF
2.7nH
4.7nH
1nF
TMP36F
5
2
1
VTEMP
Figure 58. AD8362 with Temperature Compensation Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com