Electronic Components Datasheet Search
  English  ▼

X  

AD8362 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8362
Description  50 Hz to 3.8 GHz 65 dB TruPwr??Detector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8362 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8362 Datasheet HTML 13Page - Analog Devices AD8362 Datasheet HTML 14Page - Analog Devices AD8362 Datasheet HTML 15Page - Analog Devices AD8362 Datasheet HTML 16Page - Analog Devices AD8362 Datasheet HTML 17Page - Analog Devices AD8362 Datasheet HTML 18Page - Analog Devices AD8362 Datasheet HTML 19Page - Analog Devices AD8362 Datasheet HTML 20Page - Analog Devices AD8362 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
AD8362
Rev. D | Page 17 of 32
loop to settle. Because the scaling parameters of the two
squarers are accurately matched, it follows that Equation 4
is satisfied only when
MEAN(VSIG2) = VATG2
(5)
In a formal solution, extract the square root of both sides to
provide an explicit value for the root-mean-square (rms) value.
However, it is apparent that by forcing this identity through
varying the VGA gain and extracting the mean value by the
filter provided by the capacitor(s), the system inherently
establishes the relationship
rms(VSIG) = VATG
(6)
Substituting the value of VSIG from Equation 3,
rms[GOVIN exp(−VSET/VGNS)] = VATG
(7)
As a measurement device, VIN is the unknown quantity and all
other parameters can be fixed by design. To solve Equation 7,
rms[GOVIN/VATG] = exp(VSET/VGNS)
(8)
therefore,
VSET = VGNS log[rms(VIN)/VZ]
(9)
The quantity VZ = VATG/GO is defined as the intercept voltage
because VSET must be 0 when rms (VIN) = VZ.
When connected as a measurement device, the output of the
buffer is tied directly to VSET, which closes the AGC loop.
Making the substitution VOUT = VSET and changing the
log base to 10, as needed in a decibel conversion,
VOUT = VSLP log10[rms(VIN)/VZ]
(10)
where VSLP is the slope voltage, that is, the change in output
voltage for each decade of change in the input amplitude.
Note that VSLP = VGNS log (10) = 2.303 VGNS.
In the AD8362, VSLP is laser-trimmed to 1 V using a 100 MHz
test signal. Because a decade corresponds to 20 dB, this slope
can also be stated as 50 mV/dB. The Altering the Slope section
explains how the effective value of VSLP can be altered by the
user. The intercept, VZ, is also laser-trimmed to 224 μV (−60 dBm
relative to 50 Ω). In an ideal system, VOUT would cross zero
for an rms input of that value. In a single-supply realization of
the function, VOUT cannot run fully down to ground; here, VZ
is the extrapolated value.
VOLTAGE VS. POWER CALIBRATION
The AD8362 can be used as an accurate rms voltmeter from
arbitrarily low frequencies to microwave frequencies. For low
frequency operation, the input is usually specified either in
volts rms or in dBV (decibels relative to 1 V rms).
At high frequencies, signal levels are commonly specified in
power terms. In these circumstances, the source and termina-
tion impedances are an essential part of the overall scaling. For
this condition, the output voltage can be expressed as
VOUT = SLOPE × (PIN − PZ)
(11)
where PIN and the intercept PZ are expressed in dBm.
In practice, the response deviates slightly from the ideal straight
line suggested by Equation 11. This deviation is called the law
conformance error. In defining the performance of high accuracy
measurement devices, it is customary to provide plots of this
error. In general terms, it is computed by extracting the best
straight line to the measured data using linear regression over
a substantial region of the dynamic range and under clearly
specified conditions.
INPUT AMPLITUDE (dBm)
0.2
0.8
1.1
1.4
1.7
2.0
2.3
2.9
3.5
0.5
3.8
–3.0
–1.5
–1.0
–0.5
0.5
1.0
1.5
2.0
2.5
–2.0
–2.5
3.0
2.6
3.2
–60 –55 –50 –45 –40 –35 –30 –25 –20 –15
–5
0
5
10 15
–10
0
–40°C
+25°C
+85°C
+25°C
+85°C
–40°C
Figure 45. Output Voltage and Law Conformance Error
@ TA = −40°C, +25°C, and +85°C
Figure 45 shows the output of the circuit of Figure 47 over the
full input range. The agreement with the ideal function (law
conformance) is also shown. This was determined by linear
regression on the data points over the central portion of the
transfer function for the +25°C data.
The error at −40°C, +25°C, and +85°C was then calculated by
subtracting the ideal output voltage at each input signal level
from the actual output and dividing this quantity by the mean
slope of the regression equation to provide a measurement of
the error in decibels (scaled on the right-hand axis of Figure 45).
The error curves generated in this way reveal not only the devia-
tions from the ideal transfer function at a nominal temperature,
but also the additional errors caused by temperature changes.
Notice that there is a small temperature dependence in the
intercept (the vertical position of the error plots).
Figure 45 further reveals a periodic ripple in the conformance
curves. This is due to the interpolation technique used to select
the signals from the attenuator, not only at discrete tap points,
but anywhere in between, thus providing continuous attenua-
tion values. The selected signal is then applied to the 3.5 GHz,
40 dB fixed gain amplifier in the remaining stages of the VGA
of the AD8362.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com