Electronic Components Datasheet Search
  English  ▼

X  

AD8362 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8362
Description  50 Hz to 3.8 GHz 65 dB TruPwr??Detector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8362 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8362 Datasheet HTML 9Page - Analog Devices AD8362 Datasheet HTML 10Page - Analog Devices AD8362 Datasheet HTML 11Page - Analog Devices AD8362 Datasheet HTML 12Page - Analog Devices AD8362 Datasheet HTML 13Page - Analog Devices AD8362 Datasheet HTML 14Page - Analog Devices AD8362 Datasheet HTML 15Page - Analog Devices AD8362 Datasheet HTML 16Page - Analog Devices AD8362 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
AD8362
Rev. D | Page 13 of 32
TIME (µs)
0
0
3.0
210
14
2
4.0
4.5
5.0
0
2.0
3.5
2.5
1.5
1.0
0.5
–14
–2
2
4
6
–6
0
–4
–8
–10
–12
812
18
16
46
–30dBm
+2dBm
–10dBm
–20dBm
2V/DIV
0.5V/DIV
RF BURST
ENABLE
VOUT
Figure 32. Output Response to RF Burst Input for Various
RF Input Levels, Carrier Frequency 900 MHz, CLPF = Open
TIME (ms)
0
0
3.0
210
14
2
4.0
4.5
5.0
0
2.0
3.5
2.5
1.5
1.0
0.5
–14
–2
2
4
6
–6
0
–4
–8
–10
–12
812
18
16
46
0.5V/DIV
2V/DIV
–30dBm
+2dBm
–10dBm
–20dBm
RF BURST
ENABLE
VOUT
Figure 33. Output Response to RF Burst Input for Various RF Input Levels,
Carrier Frequency 900 MHz, CLPF = 0.1 μF
TIME (µs)
0
0
3.0
210
14
2
4.0
4.5
5.0
0
2.0
3.5
2.5
1.5
1.0
0.5
–14
–2
2
4
6
–6
0
–4
–8
–10
–12
812
18
16
46
–30dBm
+2dBm
–10dBm
–20dBm
2V/DIV
0.5V/DIV
POWER-
DOWN
PIN
VOUT
Figure 34. Output Response Using Power-Down Mode for Various RF Input
Levels, Carrier Frequency 900 MHz, CLPF = 0
TIME (ms)
0
0
3.0
210
14
2
4.0
4.5
5.0
0
2.0
3.5
2.5
1.5
1.0
0.5
–14
–2
2
4
6
–6
0
–4
–8
–10
–12
812
18
16
46
2V/DIV
–30dBm
+2dBm
–10dBm
–20dBm
0.5V/DIV
Figure 35. Output Response Using Power-Down Mode for Various RF Input
Levels, Carrier Frequency 900 MHz, CLPF = 0.1 μF
TIME (ms)
0
0
3.5
210
14
2
4.5
5.0
5.5
0
2.5
4.0
3.0
2.0
1.5
1.0
–14
–2
2
4
6
–6
0
–4
–8
–10
–12
812
18
16
46
VPOS
2V/DIV
1V/DIV
+2dBm
–10dBm
–20dBm
–30dBm
Figure 36. Output Response to Gating on Power Supply for Various RF Input
Levels, Carrier Frequency 900 MHz, CLPF = 0
100MHz
3GHz
Figure 37. INHI, INLO Differential Input Impedance, 100 MHz to 3 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com