Electronic Components Datasheet Search
  English  ▼

X  

MPC8358E Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MPC8358E
Description  PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8358E Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MPC8358E Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 95 page
background image
MPC8358E PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon Hardware Specifications, Rev. 3
22
Freescale Semiconductor
DDR and DDR2 SDRAM
ADDR/CMD output setup with respect to MCK
266 MHz
200 MHz
tDDKHAS
2.8
3.5
—ns
4
ADDR/CMD output hold with respect to MCK
266 MHz—DDR1
266 MHz—DDR2
200 MHz
tDDKHAX
2.6
2.8
3.5
—ns
4
MCS(n) output setup with respect to MCK
266 MHz
200 MHz
tDDKHCS
2.8
3.5
—ns
4
MCS(n) output hold with respect to MCK
266 MHz
200 MHz
tDDKHCX
2.7
3.5
—ns
4
MCK to MDQS
tDDKHMH
–0.75
0.6
ns
5
MDQ/MECC/MDM output setup with respect to MDQS
266 MHz
200 MHz
tDDKHDS,
tDDKLDS
1.0
1.2
—ns
6
MDQ/MECC/MDM output hold with respect to MDQS
266 MHz
200 MHz
tDDKHDX,
tDDKLDX
1.0
1.2
—ns
6
MDQS preamble start
tDDKHMP
–0.5
× tMCK – 0.6 –0.5 × tMCK + 0.6
ns
7
Table 20. DDR and DDR2 SDRAM Output AC Timing Specifications for Source
Synchronous Mode (continued)
At recommended operating conditions with GVDD of (1.8 V or 2.5 V) ± 5%.
Parameter8
Symbol1
Min
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com