Electronic Components Datasheet Search
  English  ▼

X  

MPC8358E Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # MPC8358E
Description  PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8358E Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button MPC8358E Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 95 page
background image
MPC8358E PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon Hardware Specifications, Rev. 3
70
Freescale Semiconductor
Package and Pin Listings
CE_PA[1:2]
A22, C20
I/O
OVDD
—
CE_PA[3:7]
C3, D3, C2, D2, B1
I/O
LVDD0—
CE_PA[8]
F18
I/O
OVDD
—
CE_PA[9:12]
E3, C1, B2, D1
I/O
LVDD0—
CE_PA[13:14]
B21, D19
I/O
OVDD
—
CE_PA[15]
E4
I/O
LVDD0—
CE_PA[16]
E18
I/O
OVDD
—
CE_PA[17:21]
M2, N5, N3, N4, N2
I/O
LVDD1—
CE_PA[22]
F17
I/O
OVDD
—
CE_PA[23:26]
N1, P1, P2, P4
I/O
LVDD1—
CE_PA[27:28]
A21, E17
I/O
OVDD
—
CE_PA[29]
P5
I/O
LVDD1—
CE_PA[30]
B20
I/O
OVDD
—
CE_PA[31]
M4
I/O
LVDD1—
CE_PB[0:27]
D18, C18, A20, B19, F16, E16, B18, A19, C17, D16, E15,
A18, F15, B17, A17, D15, B16, A16, C15, B15, A15, E14,
F14, D14, C14, B14, A14, E13
I/O
OVDD
—
CE_PC[0:1]
F13, D13
I/O
OVDD
—
CE_PC[2:3]
N6, M1
I/O
LVDD1—
CE_PC[4:6]
C13, B13, A13
I/O
OVDD
—
CE_PC[7]
R1
I/O
LVDD2—
CE_PC[8:9]
F4, E2
I/O
LVDD0—
CE_PC[10:30]
D12, E12, F12, B12, A12, A11, B11, K5, K6, J1, J2, J3,
H1, J4, H6, J5, M5, L1, M3, F5, B22
I/O
OVDD
—
CE_PD[0:27]
H2, H3, G6, G1, H4, H5, G2, G3, F1, J6, F2, G4, E1, G5,
B3, A3, D4, C4, A2, E5, B4, F8, A4, D5, C5, B5, E6, E8
I/O
OVDD
—
CE_PE[0:31]
D8, A7, A5, E7, D6, F9, B6, A6, D7, C7, B7, E9, C8, E11,
C11, F11, A10, B10, C10, E10, D10, A9, B9, C9, D9, F10,
A8, B8, M6, K1, L3, L2
I/O
OVDD
—
CE_PF[0:3]
L6, K2, L5, K4
I/O
OVDD
—
Clocks
PCI_CLK[0]/
PF[26]
R6
I/O
LVDD2—
PCI_CLK[1:2]/
PF[27:28]
U3, T6
I/O
OVDD
—
CLKIN
AH6
I
OVDD
—
PCI_SYNC_IN
AF7
I
OVDD
—
PCI_SYNC_OUT/
PF[29]
AF6
I/O
OVDD
3
JTAG
TCK
AD9
I
OVDD
—
Table 65. MPC8358E PBGA Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com