Electronic Components Datasheet Search
  English  ▼

X  

MPC8358E Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part # MPC8358E
Description  PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8358E Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button MPC8358E Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 95 page
background image
MPC8358E PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon Hardware Specifications, Rev. 3
60
Freescale Semiconductor
UTOPIA/POS
Figure 45 provides the AC test load for the UTOPIA.
Figure 45. UTOPIA AC Test Load
Figure 46 and Figure 47 represent the AC timing from Table 55. Note that although the specifications
generally reference the rising edge of the clock, these AC timing diagrams also apply when the falling edge
is the active edge.
Figure 46 shows the UTOPIA timing with external clock.
Figure 46. UTOPIA AC Timing (External Clock) Diagram
UTOPIA inputs—External clock input setup time
tUEIVKH
4.2
—
ns
—
UTOPIA inputs—Internal clock input hold time
tUIIXKH
2.4
—
ns
—
UTOPIA inputs—External clock input hold time
tUEIXKH
1—
ns
—
Notes:
1. Output specifications are measured from the 50% level of the rising edge of CLKIN to the 50% level of the signal. Timings
are measured at the pin.
2. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tUIKHOX symbolizes the UTOPIA
outputs internal timing (UI) for the time tUTOPIA memory clock reference (K) goes from the high state (H) until outputs (O) are
invalid (X).
Table 59. UTOPIA AC Timing Specifications1 (continued)
Characteristic
Symbol2
Min
Max
Unit
Notes
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω
UtopiaCLK (Input)
tUEIXKH
tUEIVKH
tUEKHOV
Input Signals:
UTOPIA
Output Signals:
UTOPIA
tUEKHOX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com