Electronic Components Datasheet Search
  English  ▼

X  

MPC8358E Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # MPC8358E
Description  PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8358E Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button MPC8358E Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 95 page
background image
MPC8358E PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon Hardware Specifications, Rev. 3
Freescale Semiconductor
79
Clocking
NOTE
Core VCO frequency = Core frequency × VCO divider. The VCO divider
(RCWL[COREPLL[0:1]]) must be set properly so that the core VCO
frequency is in the range of 800–1800 MHz. Having a core frequency below
the CSB frequency is not a possible option because the core frequency must
be equal to or greater than the CSB frequency.
22.3
QUICC Engine Block PLL Configuration
The QUICC Engine block PLL is controlled by the RCWL[CEPMF], RCWL[CEPDF], and
RCWL[CEVCOD] parameters. Table 72 shows the multiplication factor encodings for the QUICC Engine
block PLL.
11
0001
11.5:1
÷8
00
0010
02:1
÷2
01
0010
02:1
÷4
10
0010
02:1
÷8
11
0010
02:1
÷8
00
0010
12.5:1
÷2
01
0010
12.5:1
÷4
10
0010
12.5:1
÷8
11
0010
12.5:1
÷8
00
0011
03:1
÷2
01
0011
03:1
÷4
10
0011
03:1
÷8
11
0011
03:1
÷8
Table 72. QUICC Engine Block PLL Multiplication Factors
RCWL[CEPMF] RCWL[CEPDF]
QUICC Engine PLL
Multiplication Factor = RCWL[CEPMF]/
(1 + RCWL[CEPDF])
00000
0
× 16
00001
0
Reserved
00010
0
× 2
00011
0
× 3
00100
0
× 4
Table 71. e300 Core PLL Configuration (continued)
RCWL[COREPLL]
core_clk:csb_clk
Ratio
VCO divider
0–1
2–5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com