Electronic Components Datasheet Search
  English  ▼

X  

MPC8358E Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # MPC8358E
Description  PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8358E Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button MPC8358E Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 95 page
background image
MPC8358E PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon Hardware Specifications, Rev. 3
Freescale Semiconductor
63
HDLC, BISYNC, Transparent, and Synchronous UART
Figure 48 provides the AC test load.
Figure 48. AC Test Load
19.3
AC Test Load
Figure 49 and Figure 50 represent the AC timing from Table 61 and Table 62. Note that although the
specifications generally reference the rising edge of the clock, these AC timing diagrams also apply when
the falling edge is the active edge.
Figure 49 shows the timing with external clock.
Figure 49. AC Timing (External Clock) Diagram
Figure 50 shows the timing with internal clock.
Figure 50. AC Timing (Internal Clock) Diagram
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω
Serial CLK (Input)
tHEIXKH
tHEIVKH
tHEKHOV
Input Signals:
(See Note)
Output Signals:
(See Note)
tHEKHOX
Note: The clock edge is selectable.
Serial CLK (Output)
tHIIXKH
tHIKHOV
Input Signals:
(See Note)
tHIIVKH
tHIKHOX
Note: The clock edge is selectable.
Output Signals:
(See Note)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com