Electronic Components Datasheet Search
  English  ▼

X  

MPC8358E Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part # MPC8358E
Description  PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8358E Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button MPC8358E Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 95 page
background image
MPC8358E PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon Hardware Specifications, Rev. 3
68
Freescale Semiconductor
Package and Pin Listings
PCI_PAR/
PF[11]
AA4
I/O
OVDD
—
PCI_FRAME/
PF[12]
W4
I/O
OVDD
5
PCI_TRDY/
PF[13]
W5
I/O
OVDD
5
PCI_IRDY/
PF[14]
AB3
I/O
OVDD
5
PCI_STOP/
PF[15]
AB1
I/O
OVDD
5
PCI_DEVSEL/
PF[16]
AA2
I/O
OVDD
5
PCI_IDSEL/
PF[17]
U6
I/O
OVDD
—
PCI_SERR/
PF[18]
AC1
I/O
OVDD
5
PCI_PERR/
PF[19]
W6
I/O
OVDD
5
PCI_REQ[0:2]/
PF[20:22]
R2, T4, U1
I/O
LVDD2—
PCI_GNT[0:2]/
PF[23:25]
T3, R5, T1
I/O
LVDD2—
PCI_MODE
AE5
I
OVDD
—
M66EN/
CE_PF[4]
AH3
I/O
OVDD
—
Local Bus Controller Interface
LAD[0:31]
AC11, AE10, AD10, AD11, AE11, AG11, AH11, AH12,
AG12, AF12, AD12, AE12, AC12, AH13, AG13, AF13,
AE13, AH14, AD13, AG14, AF14, AH15, AE14, AG15,
AC13, AD14, AC14, AH16, AC15, AG16, AE15, AF16
I/O
OVDD
—
LDP[0:3]
AD15, AG17, AC16, AF17
I/O
OVDD
—
LA[27:31]
AH17, AD16, AH18, AG18, AE17
O
OVDD
—
LCS[0:5]
AD18, AH20, AG20, AE19, AC18, AH21
O
OVDD
—
LWE[0:3]
AG21, AH22, AC20, AD19
O
OVDD
—
LBCTL
AF18
O
OVDD
—
LALE
AF10
O
OVDD
—
LGPL0/
LSDA10/
cfg_reset_source0
AC17
I/O
OVDD
—
LGPL1/
LSDWE/
cfg_reset_source1
AD17
I/O
OVDD
—
Table 65. MPC8358E PBGA Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com