Electronic Components Datasheet Search
  English  ▼

X  

F71869 Datasheet(PDF) 49 Page - Feature Integration Technology Inc.

Part # F71869
Description  Super I/O Hardware Monitor
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71869 Datasheet(HTML) 49 Page - Feature Integration Technology Inc.

Back Button F71869 Datasheet HTML 45Page - Feature Integration Technology Inc. F71869 Datasheet HTML 46Page - Feature Integration Technology Inc. F71869 Datasheet HTML 47Page - Feature Integration Technology Inc. F71869 Datasheet HTML 48Page - Feature Integration Technology Inc. F71869 Datasheet HTML 49Page - Feature Integration Technology Inc. F71869 Datasheet HTML 50Page - Feature Integration Technology Inc. F71869 Datasheet HTML 51Page - Feature Integration Technology Inc. F71869 Datasheet HTML 52Page - Feature Integration Technology Inc. F71869 Datasheet HTML 53Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 116 page
background image
Fintek
Feature Integration Technology Inc.
2009
V1.1
48
F71869
7-0
BASE_ADDR_LO R/W
F8h
The LSB of UART 1 base address.
6.3.4 IRQ Channel Select Register
⎯ Index 70h
Bit
Name
R/W Default
Description
7-4
Reserved
-
-
Reserved.
3-0
SELUR1IRQ
R/W
4h
Select the IRQ channel for UART 1.
6.3.5 RS485 Enable Register
⎯ Index F0h
Bit
Name
R/W Default
Description
7-6
Reserved
-
-
Reserved.
5
RS485_INV
-
-
Write “1” will invert the RTS# if RS485_EN is set.
4
RS485_EN
R/W
0
0: RS232 driver.
1: RS485 driver. Auto drive RTS# low when transmitting data.
3-0
Reserved
-
-
Reserved.
6.4
UART2 Registers (CR02)
6.4.1 UART 2 Device Enable Register
⎯ Index 30h
Bit
Name
R/W Default
Description
7-1
Reserved
-
-
Reserved
0
UR2_EN
R/W
1
0: disable UART 2.
1: enable UART 2.
6.4.2 Base Address High Register
⎯ Index 60h
Bit
Name
R/W Default
Description
7-0
BASE_ADDR_HI R/W
02h
The MSB of UART 2 base address.
6.4.3 Base Address Low Register
⎯ Index 61h
Bit
Name
R/W Default
Description
7-0
BASE_ADDR_LO R/W
F8h
The LSB of UART 2 base address.
6.4.4 IRQ Channel Select Register
⎯ Index 70h
Bit
Name
R/W Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com