Electronic Components Datasheet Search
  English  ▼

X  

F71869 Datasheet(PDF) 18 Page - Feature Integration Technology Inc.

Part # F71869
Description  Super I/O Hardware Monitor
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71869 Datasheet(HTML) 18 Page - Feature Integration Technology Inc.

Back Button F71869 Datasheet HTML 14Page - Feature Integration Technology Inc. F71869 Datasheet HTML 15Page - Feature Integration Technology Inc. F71869 Datasheet HTML 16Page - Feature Integration Technology Inc. F71869 Datasheet HTML 17Page - Feature Integration Technology Inc. F71869 Datasheet HTML 18Page - Feature Integration Technology Inc. F71869 Datasheet HTML 19Page - Feature Integration Technology Inc. F71869 Datasheet HTML 20Page - Feature Integration Technology Inc. F71869 Datasheet HTML 21Page - Feature Integration Technology Inc. F71869 Datasheet HTML 22Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 116 page
background image
Fintek
Feature Integration Technology Inc.
2009
V1.1
17
F71869
GPIO04
OD12-5v
General Purpose IO. GPIO function is selected by register
setting
ST1
OD12
Status Pin1 for S0#/S3#/S5# states application. (Default
function)
In S0#
ST1 pin status is Tri-state.
In S3#
ST1 pin status is Low level.
In S5#
ST1 pin status is Tri-state.
GPIO03
I/OOD12st5v
General Purpose IO. GPIO function is selected by register
setting
56
WDTRST#
OD12-5v
VSB
Watch dog timer signal output.
ATX_
PWRGDSW
OD24-5v
ATX_PWRGDSW for S0#/S3#/S5# states application.
In S0#
ATX_PWRGDSW pin status is Low-state.
In S3#
ATX_PWRGDSW pin status is Tri-state.
In S5#
ATX_PWRGDSW pin status is Tri-state, and can
be programmed Low-state.
GPIO13
I/OOD24st5v
General Purpose IO. GPIO function is selected by register
setting
62
BEEP
OD24-5v
VSB
Beep pin.
4.9
KBC Function
Pin No.
Pin Name
Type
PWR
Description
40
KBRST#
OD16-5v-u10k
VCC
Keyboard reset. This pin is high after system reset. Internal
pull high 3.3V with 10k ohms. (KBC P20)
41
GA20
OD16-5v-u10k
VCC
Gate A20 output. This pin is high after system reset. Internal
pull high 3.3V with 10k ohms. (KBC P21)
69
KDATA
I/OD16st5V
VSB
Keyboard Data.
70
KCLK
I/OD16st5V
VSB
Keyboard Clock.
71
MDATA
I/OD16st5V
VSB
PS2 Mouse Data.
72
MCLK
I/OD16st5V
VSB
PS2 Mouse Clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com