Electronic Components Datasheet Search
  English  ▼

X  

F71869 Datasheet(PDF) 45 Page - Feature Integration Technology Inc.

Part # F71869
Description  Super I/O Hardware Monitor
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71869 Datasheet(HTML) 45 Page - Feature Integration Technology Inc.

Back Button F71869 Datasheet HTML 41Page - Feature Integration Technology Inc. F71869 Datasheet HTML 42Page - Feature Integration Technology Inc. F71869 Datasheet HTML 43Page - Feature Integration Technology Inc. F71869 Datasheet HTML 44Page - Feature Integration Technology Inc. F71869 Datasheet HTML 45Page - Feature Integration Technology Inc. F71869 Datasheet HTML 46Page - Feature Integration Technology Inc. F71869 Datasheet HTML 47Page - Feature Integration Technology Inc. F71869 Datasheet HTML 48Page - Feature Integration Technology Inc. F71869 Datasheet HTML 49Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 116 page
background image
Fintek
Feature Integration Technology Inc.
2009
V1.1
44
F71869
7
SLOT_PWR_SEL R/W
0
0: SLOTOCC# is pull-up to VSB3V.
1: SLOTOCC# is pull-up to VBAT.
6
VSBOK_HYS_DIS R/W
0
Set “1” to disable VSBOK hysteresis.
5
VSBOK_LEVEL
_SEL
R/W
1
0: The VSB3V Power good level is 3.05V typically.
1: The VSB3V Power good level is 2.8V typically
4
KEY_SEL_ADD
R/W
0
This bit is added to add more wakeup key function.
3
WAKEUP_EN
R/W
1
0: disable keyboard/mouse wake up.
1: enable keyboard/mouse wake up.
2-1
KEY_SEL
R/W
00
This registers select the keyboard wake up key. Accompanying with
KEY_SEL_ADD, there are eight wakeup keys:
KEY_SEL_ADD
KEY_SEL
Wakeup Key
0
00
Ctrl + Esc
0
01
Ctrl + F1
0
10
Ctrl + Space
0
11
Any Key
1
00
Windows Wakeup
1
01
Windows Power
1
10
Ctrl + Alt + Space
1
11
Space
0
MO_SEL
R/W
0
This register selects the mouse wake up key.
0: Wake up by click.
1: Wake up by click and movement.
6.1.12 Reserved
⎯ Index 2Eh ~ 2Fh
Bit
Name
R/W Default
Description
7-0
Reserved
R/W
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com