| Electronic Components Datasheet Search |
|
F71869 Datasheet(PDF) 91 Page - Feature Integration Technology Inc. |
|
|
|||||||||||||||||||||||||||||
F71869 Datasheet(HTML) 91 Page - Feature Integration Technology Inc. |
|
91 / 116 page ![]() Fintek Feature Integration Technology Inc. 2009 V1.1 90 F71869 3 GPIO13_DET_SEL R/W 0 When GPIO13 is in input mode, set this bit to select which input event should be detected. 0: rising edge 1: falling edge 2 GPIO12_DET_SEL R/W 0 When GPIO12 is in input mode, set this bit to select which input event should be detected. 0: rising edge 1: falling edge 1 GPIO11_DET_SEL R/W 0 When GPIO11 is in input mode, set this bit to select which input event should be detected. 0: rising edge 1: falling edge 0 GPIO10_DET_SEL R/W 0 When GPIO10 is in input mode, set this bit to select which input event should be detected. 0: rising edge 1: falling edge 6.8.15 GPIO1 Event Status Register ⎯ Index E6h Bit Name R/W Default Description 7 GPIO17_ EVENT_STS R/W 0 When GPIO17 is in input mode and a GPIO17 input is detected according to CRE5[7], this bit will be set to 1. Write a 1 to this bit will clear it to 0. 6 GPIO16_ EVENT_STS R/W 0 When GPIO16 is in input mode and a GPIO16 input is detected according to CRE5[6], this bit will be set to 1. Write a 1 to this bit will clear it to 0. 5 GPIO15_ EVENT_STS R/W 0 When GPIO15 is in input mode and a GPIO15 input is detected according to CRE5[5], this bit will be set to 1. Write a 1 to this bit will clear it to 0. 4 GPIO14_ EVENT_STS R/W 0 When GPIO14 is in input mode and a GPIO14 input is detected according to CRE5[4], this bit will be set to 1. Write a 1 to this bit will clear it to 0. 3 GPIO13_ EVENT_STS R/W 0 When GPIO13 is in input mode and a GPIO13 input is detected according to CRE5[3], this bit will be set to 1. Write a 1 to this bit will clear it to 0. 2 GPIO12_ EVENT_STS R/W 0 When GPIO12 is in input mode and a GPIO12 input is detected according to CRE5[2], this bit will be set to 1. Write a 1 to this bit will clear it to 0. 1 GPIO11_ EVENT_STS R/W 0 When GPIO11 is in input mode and a GPIO11 input is detected according to CRE5[1], this bit will be set to 1. Write a 1 to this bit will clear it to 0. 0 GPIO10_ EVENT_STS R/W 0 When GPIO10 is in input mode and a GPIO10 input is detected according to CRE5[0], this bit will be set to 1. Write a 1 to this bit will clear it to 0. 6.8.16 GPIO2 Output Enable Register ⎯ Index D0h Bit Name R/W Default Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |