| Electronic Components Datasheet Search |
|
F71869 Datasheet(PDF) 11 Page - Feature Integration Technology Inc. |
|
|
|||||||||||||||||||||||||||||
F71869 Datasheet(HTML) 11 Page - Feature Integration Technology Inc. |
|
11 / 116 page ![]() Fintek Feature Integration Technology Inc. 2009 V1.1 10 F71869 STEP# OD14-5v Step output pulses. This active low open drain output produces a pulse to move the head to another track. FDC function is selected by register setting. GPIO36 I/OD14st5v Default General Purpose IO. 13 HDSEL# OD14-5v VCC Head select. This open drain output determines which disk drive head is active. Logic 1 = side 0 Logic 0 = side 1 FDC function is selected by register setting. GPIO37 I/OD14st5v Default General Purpose IO. 14 WGATE# OD14-5v VCC Write enable. An open drain output. FDC function is selected by register setting. GPIO50 I/OOD12st5v Default General Purpose IO. 15 RDATA# INst5v VCC The read data input signal from the FDD. FDC function is selected by register setting. GPIO51 I/OOD12st5v Default General Purpose IO. 16 TRK0# INst5v VCC Track 0. This Schmitt-triggered input from the disk drive is active low when the head is positioned over the outermost track. FDC function is selected by register setting. GPIO52 I/OOD12st5v Default General Purpose IO. 17 INDEX# INst5v VCC This Schmitt-triggered input from the disk drive is active low when the head is positioned over the beginning of a track marked by an index hole. FDC function is selected by register setting. GPIO53 I/OOD12st5v Default General Purpose IO. 18 WPT# INst5v VCC Write protected. This active low Schmitt input from the disk drive indicates that the diskette is write-protected. FDC function is selected by register setting. GPIO54 I/OOD12st5v Default General Purpose IO. 19 DSKCHG# INst5v VCC Diskette change. This signal is active low at power on and whenever the diskette is removed. FDC function is selected by register setting. 4.4 UART and SIR Pin No. Pin Name Type PWR Description GPIO42 I/OOD12t5v Default General Purpose IO. 27 IRTX O12 VCC Infrared Transmitter Output. The function is selected by register setting. GPIO43 I/OOD12t5v Default General Purpose IO. 28 IRRX INst5v VCC Infrared Receiver input. The function is selected by register |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |