Electronic Components Datasheet Search
  English  ▼

X  

F71869 Datasheet(PDF) 16 Page - Feature Integration Technology Inc.

Part # F71869
Description  Super I/O Hardware Monitor
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71869 Datasheet(HTML) 16 Page - Feature Integration Technology Inc.

Back Button F71869 Datasheet HTML 12Page - Feature Integration Technology Inc. F71869 Datasheet HTML 13Page - Feature Integration Technology Inc. F71869 Datasheet HTML 14Page - Feature Integration Technology Inc. F71869 Datasheet HTML 15Page - Feature Integration Technology Inc. F71869 Datasheet HTML 16Page - Feature Integration Technology Inc. F71869 Datasheet HTML 17Page - Feature Integration Technology Inc. F71869 Datasheet HTML 18Page - Feature Integration Technology Inc. F71869 Datasheet HTML 19Page - Feature Integration Technology Inc. F71869 Datasheet HTML 20Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 116 page
background image
Fintek
Feature Integration Technology Inc.
2009
V1.1
15
F71869
PCI_RST4#
O12-5v
It is an output buffer of LRESET#. This function is selected
by register setting.
IBX_SCL
I/OD125v
INTEL IBex PEAK platform hardware monitor interface clock
output. This function is selected by register setting.
GPIO11
I/OOD12st5
Default General Purpose IO.
PCI_RST5#
O12-5v
It is an output buffer of LRESET#. This function is selected
by register setting.
60
IBX_SDA
I/OD125v
VSB
INTEL IBex PEAK platform hardware monitor interface input.
This function is selected by register setting.
GPIO12
I/OOD12st5v
Default General Purpose IO.
RSTCON#
INst5v
It is an output buffer of RSTCON#. This function is selected
by register setting.
61
FANCTL1
OOD12-5v
AOUT
VSB
Fan 1 control output. This pin provides PWM duty-cycle
output or a voltage output. This function is selected by
register setting.
GPIO15
I/OOD12st5v
Default General Purpose IO.
LED_VSB
OD12-5v
Power LED for VSB. This function is selected by register
setting.
64
ALERT#
OD12-5v
VSB
Alert a signal when temperature over limit setting. This
function is selected by register setting.
GPIO16
I/OOD12st5v
Default General Purpose IO.
65
LED_VCC
OD12-5v
VSB
Power LED for VCC. This function is selected by register
setting.
CPU_PWRGD
OD12-5v
CPU Power Good signal output
(Detected by VIN1~VIN4 level good)
66
GPIO15
I/OOD12st5v
VSB
General Purpose IO. GPIO function is selected by register
setting
74
PCIRST1#
OD12-5v
VSB
It is an output buffer of LRESET#.
75
PCIRST2#
O12-5v
VSB
It is an output buffer of LRESET#.
76
PCIRST3#
O12-5v
VSB
It is an output buffer of LRESET#.
77
S5#
INst5v-u47k
VSB
S5# signal input.
GPIO44
I/OOD12st5v
Default General Purpose IO.
78
ATXPG_IN
INst5v
VSB
ATX Power Good input.
84
PWROK
OD12-5v
VBAT
PWROK function, It is power good signal of VCC, which is
delayed 400ms (default) as VCC arrives at 2.8V.
80
PWSIN#
INts5v
VSB
Main power switch button input.
81
PWSOUT#
OD12-5v-u47k
VSB
Panel Switch Output. This pin is low active and pulse output.
It is power on request output#.
82
S3#
INst5v-u47k
VSB
S3# Input is Main power on-off switch input.
83
PS_ON#
OD12-5v
VSB
Power supply on-off control output. Connect to ATX power
supply PS_ON# signal.
85
RSMRST#
OD12-5v-u10k
VBAT
Resume Reset# function, It is power good signal of VSB,
which is delayed 66ms as VSB arrives at 2.8V.
87
COPEN#
INst5v
VBAT
Case Open Detection #. This pin is connected to a specially
designed low power CMOS flip-flop backed by the battery for
case open state preservation during power loss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com