Electronic Components Datasheet Search
  English  ▼

X  

AD9284 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9284
Description  8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9284 Datasheet(HTML) 1 Page - Analog Devices

  AD9284 Datasheet HTML 1Page - Analog Devices AD9284 Datasheet HTML 2Page - Analog Devices AD9284 Datasheet HTML 3Page - Analog Devices AD9284 Datasheet HTML 4Page - Analog Devices AD9284 Datasheet HTML 5Page - Analog Devices AD9284 Datasheet HTML 6Page - Analog Devices AD9284 Datasheet HTML 7Page - Analog Devices AD9284 Datasheet HTML 8Page - Analog Devices AD9284 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
8-Bit, 250 MSPS, 1.8 V Dual
Analog-to-Digital Converter (ADC)
AD9284
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
Single 1.8 V supply operation
SNR: 49.3 dBFS at 200 MHz input at 250 MSPS
SFDR: 65 dBc at 200 MHz input at 250 MSPS
Low power: 314 mW at 250 MSPS
On-chip reference and track-and-hold
1.2 V p-p analog input range for each channel
Differential input with 500 MHz bandwidth
LVDS-compliant digital output
DNL: ±0.2 LSB
Serial port control options
Offset binary, Gray code, or twos complement data format
Optional clock duty cycle stabilizer
Built-in selectable digital test pattern generation
Pin-programmable power-down function
Available in 48-lead LFCSP
APPLICATIONS
Communications
Diversity radio systems
I/Q demodulation systems
Battery-powered instruments
Handheld scope meters
Low cost digital oscilloscopes
OTS: video over fiber
GENERAL DESCRIPTION
The AD9284 is a dual 8-bit, monolithic sampling, analog-to-digital
converter (ADC) that supports simultaneous operation and is
optimized for low cost, low power, and ease of use. Each ADC
operates at up to a 250 MSPS conversion rate with outstanding
dynamic performance.
The ADC requires a single 1.8 V supply and an encode clock for
full performance operation. No external reference components
are required for many applications. The digital outputs are LVDS
compatible.
The AD9284 is available in a Pb-free, 48-lead LFCSP that is
specified over the industrial temperature range of −40°C to +85°C.
PRODUCT HIGHLIGHTS
1.
Integrated Dual 8-Bit, 250 MSPS ADC.
2.
Single 1.8 V Supply Operation with LVDS Outputs.
3.
Power-Down Option Controlled via a Pin-Programmable
Setting.
FUNCTIONAL BLOCK DIAGRAM
AD9284
CLK+
CLK–
VIN+A
VIN–A
VREF
VCM
ADC
ADC
SPI
CLOCK
MANAGEMENT
VIN–B
VIN+B
SDIO/
PWDN
OE
SCLK
CSB
×1.5
1.0V
VREF
REF
SELECT
D7+ (MSB), D7– (MSB)
D0+ (LSB), D0– (LSB)
(CHANNEL A)
D7+ (MSB), D7– (MSB)
D0+ (LSB), D0– (LSB)
(CHANNEL B)
DCO
GENERATION
DCO+
DCO–
RBIAS
AGND
AVDD
DRVDD
DRGND
Figure 1.


Similar Part No. - AD9284

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9284-250EBZ AD-AD9284-250EBZ Datasheet
627Kb / 25P
8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
Rev. A
AD9284BCPZ-250 AD-AD9284BCPZ-250 Datasheet
627Kb / 25P
8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
Rev. A
AD9284BCPZRL7-250 AD-AD9284BCPZRL7-250 Datasheet
627Kb / 25P
8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
Rev. A
AD9284 AD-AD9284_13 Datasheet
627Kb / 25P
8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
Rev. A
More results

Similar Description - AD9284

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9286 AD-AD9286 Datasheet
646Kb / 28P
8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9643 AD-AD9643 Datasheet
1Mb / 36P
14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9642 AD-AD9642 Datasheet
1Mb / 28P
14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9613BCPZ-250 AD-AD9613BCPZ-250 Datasheet
1Mb / 36P
12-Bit, 170 MSPS/210 MSPS/250 MSPS,1.8 V Dual Analog-to-Digital Converter (ADC)
REV. C
AD9642 AD-AD9642_15 Datasheet
1Mb / 28P
14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. B
AD9613 AD-AD9613 Datasheet
1Mb / 36P
12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. C
AD9643 AD-AD9643_17 Datasheet
1Mb / 36P
14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
Rev. E
AD9613 AD-AD9613_17 Datasheet
1Mb / 38P
12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
Rev. D
AD9284 AD-AD9284_13 Datasheet
627Kb / 25P
8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
Rev. A
AD9286 AD-AD9286_15 Datasheet
713Kb / 28P
8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com