Electronic Components Datasheet Search
  English  ▼

X  

AD9284 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9284
Description  8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9284 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9284 Datasheet HTML 6Page - Analog Devices AD9284 Datasheet HTML 7Page - Analog Devices AD9284 Datasheet HTML 8Page - Analog Devices AD9284 Datasheet HTML 9Page - Analog Devices AD9284 Datasheet HTML 10Page - Analog Devices AD9284 Datasheet HTML 11Page - Analog Devices AD9284 Datasheet HTML 12Page - Analog Devices AD9284 Datasheet HTML 13Page - Analog Devices AD9284 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD9284
Rev. 0 | Page 10 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = 1.8 V, DRVDD = 1.8 V, sample rate = 250 MSPS, DCS enabled, 1.2 V p-p differential input, VIN = −1.0 dBFS, 64k sample,
TA = 25°C, unless otherwise noted.
0
–20
–40
–60
–80
–100
–120
0
25
50
75
100
125
FREQUENCY (MHz)
250MSPS
4.3MHz @ –1dBFS
SNR = 48.3dB (49.3dBFS)
ENOB = 7.7
SFDR = 70.3dBc
SECOND HARMONIC
THIRD HARMONIC
Figure 4. Single-Tone FFT with fIN = 4.3 MHz
0
–20
–40
–60
–80
–100
–120
0
25
50
75
100
125
FREQUENCY (MHz)
250MSPS
330.3MHz @ –1dBFS
SNR = 48.2dB (49.2dBFS)
ENOB = 7.6
SFDR = 60.9dBc
SECOND HARMONIC
THIRD HARMONIC
Figure 5. Single-Tone FFT with fIN = 220.3 MHz
80
60
70
50
40
30
20
10
0
–45
0
–5
–10
–15
–20
–25
–30
–35
–40
AIN POWER (dBFS)
SFDR (dBFS)
SNR (dBFS)
SFDR (dBc)
SNR (dBc)
REFERENCE LINE
Figure 6. SFDR/SNR vs. Input Amplitude (AIN) with fIN = 2.2 MHz
0
–20
–40
–60
–80
–100
–120
0
25
50
75
100
125
FREQUENCY (MHz)
250MSPS
96.6MHz @ –1dBFS
SNR = 48.3dB (49.3dBFS)
ENOB = 7.7
SFDR = 70.0dBc
SECOND HARMONIC
THIRD HARMONIC
Figure 7. Single-Tone FFT with fIN = 96.6 MHz
0
–20
–40
–60
–80
–100
–120
0
25
50
75
100
125
FREQUENCY (MHz)
250MSPS
29.2MHz @ –7dBFS
32.2MHz @ –7dBFS
SFDR = 69.6dBc (76.6dBFS)
Figure 8. Two-Tone FFT with fIN1 = 29.1 MHz and fIN2 = 32.1 MHz
80
60
70
50
40
30
20
10
0
–45
0
–5
–10
–15
–20
–25
–30
–35
–40
AIN POWER (dBFS)
IMD3 (dBFS)
SFDR (dBFS)
IMD3 (dBc)
SFDR (dBc)
Figure 9. Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN)
with fIN1 = 29.1 MHz and fIN2 = 32.1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com