Electronic Components Datasheet Search
  English  ▼

X  

AD9284 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9284
Description  8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9284 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9284 Datasheet HTML 7Page - Analog Devices AD9284 Datasheet HTML 8Page - Analog Devices AD9284 Datasheet HTML 9Page - Analog Devices AD9284 Datasheet HTML 10Page - Analog Devices AD9284 Datasheet HTML 11Page - Analog Devices AD9284 Datasheet HTML 12Page - Analog Devices AD9284 Datasheet HTML 13Page - Analog Devices AD9284 Datasheet HTML 14Page - Analog Devices AD9284 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD9284
Rev. 0 | Page 11 of 24
75
70
65
60
55
50
50.0
49.8
49.6
49.4
49.2
49.0
50
250
225
200
175
150
125
100
75
ENCODE (MSPS)
SFDR: SIDE A
SFDR: SIDE B
SNRFS: SIDE A
SNRFS: SIDE B
Figure 10. SNRFS/SFDR vs Encode with fIN = 2.4 MHz
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
0
32
64
96
128
160
192
224
256
OUTPUT CODE
Figure 11. DNL Error with fIN = 4.3 MHz
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
0
32
64
96
128
160
192
224
256
OUTPUT CODE
Figure 12. INL Error with fIN = 4.3 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com