Electronic Components Datasheet Search
  English  ▼

X  

AD9284 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9284
Description  8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9284 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9284 Datasheet HTML 10Page - Analog Devices AD9284 Datasheet HTML 11Page - Analog Devices AD9284 Datasheet HTML 12Page - Analog Devices AD9284 Datasheet HTML 13Page - Analog Devices AD9284 Datasheet HTML 14Page - Analog Devices AD9284 Datasheet HTML 15Page - Analog Devices AD9284 Datasheet HTML 16Page - Analog Devices AD9284 Datasheet HTML 17Page - Analog Devices AD9284 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD9284
Rev. 0 | Page 14 of 24
CLOCK INPUT CONSIDERATIONS
For optimum performance, clock the AD9284 sample clock inputs,
CLK+ and CLK− with a differential signal. The signal is typically
ac-coupled into the CLK+ and CLK− pins via a transformer or
capacitors.
Clock Input Options
The AD9284 has a very flexible clock input structure. The clock
input can be an LVDS, LVPECL, or sine wave signal. Each configu-
ration that is described in this section applies to CLK+ and CLK−.
Figure 21 and Figure 22 show the two preferred methods for
clocking the AD9284. A low jitter clock source is converted
from a single-ended signal to a differential signal using either
an RF transformer or an RF balun. The back-to-back Schottky
diodes across the transformer/balun secondary limit clock
excursions into the AD9284 to approximately 0.8 V p-p
differential.
This limit helps prevent the large voltage swings of the clock
from feeding through to other portions of the AD9284, while
preserving the fast rise and fall times of the signal that are
critical to low jitter performance.
0.1µF
0.1µF
0.1µF
0.1µF
SCHOTTKY
DIODES:
HSM2822
50Ω 100Ω
CLK–
CLK+
ADC
Mini-Circuits®
ADT1-1WT, 1:1 Z
XFMR
CLOCK
INPUT
Figure 21. Transformer-Coupled Differential Clock
0.1µF
0.1µF
SCHOTTKY
DIODES:
HSM2822
1nF
1nF
50Ω
CLK–
CLK+
ADC
CLOCK
INPUT
Figure 22. Balun-Coupled Differential Clock
If a low jitter clock source is not available, another option is to
ac couple a differential PECL signal to the sample clock input
pins, as shown in Figure 23. The AD9510/AD9511/AD9512/
AD9513/AD9514/AD9515/AD9516/AD9517 clock drivers offer
excellent jitter performance.
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
240Ω
240Ω
50kΩ
50kΩ
CLK–
CLK+
ADC
AD951x
PECL DRIVER
CLOCK
INPUT
CLOCK
INPUT
Figure 23. Differential PECL Sample Clock
A third option is to ac couple a differential LVDS signal to the
sample clock input pins, as shown in Figure 24. The AD9510/
AD9511/AD9512/AD9513/AD9514/AD9515/AD9516/AD9517
clock drivers offer excellent jitter performance.
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
50kΩ
50kΩ
CLK–
CLK+
ADC
AD951x
LVDS DRIVER
CLOCK
INPUT
CLOCK
INPUT
Figure 24. Differential LVDS Sample Clock
DIGITAL OUTPUTS
Digital Output Enable Function (OE)
The AD9284 has a flexible three-state ability for the digital output
pins. The three-state mode is enabled using the OE pin. When
OE is set to logic level high, the output drivers for both data buses
are placed into a high impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com