Electronic Components Datasheet Search
  English  ▼

X  

AD9284 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9284
Description  8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9284 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9284 Datasheet HTML 11Page - Analog Devices AD9284 Datasheet HTML 12Page - Analog Devices AD9284 Datasheet HTML 13Page - Analog Devices AD9284 Datasheet HTML 14Page - Analog Devices AD9284 Datasheet HTML 15Page - Analog Devices AD9284 Datasheet HTML 16Page - Analog Devices AD9284 Datasheet HTML 17Page - Analog Devices AD9284 Datasheet HTML 18Page - Analog Devices AD9284 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AD9284
Rev. 0 | Page 15 of 24
BUILT-IN SELF-TEST (BIST) AND OUTPUT TEST
The AD9284 includes a built-in self-test feature that is designed
to enable verification of the integrity of each channel, as well as
facilitate board level debugging. A built-in self-test (BIST) feature
that verifies the integrity of the digital datapath of the AD9284
is included. Various output test options are also provided to
place predictable values on the outputs of the AD9284.
BUILT-IN SELF-TEST (BIST)
The BIST is a thorough test of the digital portion of the selected
AD9284 signal path. Perform the BIST test after a reset to ensure
that the part is in a known state. During BIST, data from an
internal pseudorandom noise (PN) source is driven through
the digital datapath of both channels, starting at the ADC block
output. At the datapath output, CRC logic calculates a signature
from the data. The BIST sequence runs for 512 cycles and then
stops. When the test is completed, the BIST compares the signature
results with a predetermined value. If the signatures match, the
BIST sets Bit 0 of Register 0x0E, signifying that the test passed.
If the BIST test fails, Bit 0 of Register 0x0E is cleared. The outputs
are connected during this test, so the PN sequence can be observed
as it runs.
Writing a value of 0x05 to Register 0x0E runs the BIST. This
enables Bit 0 (BIST enable) of Register 0x0E and resets the PN
sequence generator, Bit 2 (BIST init) of Register 0x0E. At the
completion of the BIST, Bit 0 of Register 0x0E is automatically
cleared. The PN sequence can be continued from its last value
by writing a 0 to Bit 2 of Register 0x0E. However, if the PN
sequence is not reset, the signature calculation does not equal
the predetermined value at the end of the test. At that point, the
user must rely on verifying the output data.
OUTPUT TEST MODES
The output test options are described in Table 12 at Address 0x0D.
When an output test mode is enabled, the analog section of the
ADC is disconnected from the digital back-end blocks, and the
test pattern is run through the output formatting block. Some
test patterns are subject to output formatting, and some are not.
The PN generators from the PN sequence tests can be reset by
setting Bit 4 or Bit 5 of Register 0x0D. These tests can be performed
with or without an analog signal (if present, the analog signal
is ignored), but they do require an encode clock. For more
information, see the AN-877 Application Note, Interfacing to
High Speed ADCs via SPI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com