Electronic Components Datasheet Search
  English  ▼

X  

LRYYTP Datasheet(PDF) 4 Page - Littelfuse

Part # LRYYTP
Description  8 Amp bi-directional solid state switch series is designed for AC switching and phase
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LRYYTP Datasheet(HTML) 4 Page - Littelfuse

  LRYYTP Datasheet HTML 1Page - Littelfuse LRYYTP Datasheet HTML 2Page - Littelfuse LRYYTP Datasheet HTML 3Page - Littelfuse LRYYTP Datasheet HTML 4Page - Littelfuse LRYYTP Datasheet HTML 5Page - Littelfuse LRYYTP Datasheet HTML 6Page - Littelfuse LRYYTP Datasheet HTML 7Page - Littelfuse LRYYTP Datasheet HTML 8Page - Littelfuse LRYYTP Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
78
Revised: July 29, 2010 12:24 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Lxx08xx & Qxx08xx & Qxx08xHx Series
Electrical Characteristics (T
J = 25°C, unless otherwise specified) — Standard Triac
Symbol
Test Conditions
Quadrant
Qxx08x4
Qxx08x5
Unit
I
GT
V
D = 12V
R
L
IV
MAX.
TYP.
25
50
50
mA
V
GT
MAX.
V
V
GD
V
D = VDRM
R
L
T
J = 125°C
ALL
0.2
V
I
I
T = 200mA
MAX.
50
50
mA
dv/dt
V
D = VDRM
Gate Open T
J = 125°C
400V
150
V/μs
125
800V
100
1000V
80
(dv/dt)c
J = 125°C
TYP.
4
4
V/μs
t
gt
I
G = 100mA
PW = 15μs I
T
TYP.
μs
Electrical Characteristics (T
J = 25°C, unless otherwise specified) — Alternistor Triac (3 Quadrants)
Symbol
Test Conditions
Quadrant
Qxx08xH3
Qxx08xH4
Unit
I
GT
V
D = 12V
R
L
MAX.
10
mA
V
GT
MAX.
V
V
GD
V
D = VDRM
R
L
T
J = 125°C
0.2
V
I
I
T = 100mA
MAX.
15
mA
dv/dt
V
D = VDRM
Gate Open T
J = 125°C
400V
400
V/μs
50
800V
200
1000V
100
400V
450
50
800V
250
1000V
150
(dv/dt)c
J = 125°C
20
25
V/μs
t
gt
I
G = 100mA
PW = 15μs I
T
TYP.
4.0
4.0
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com