Electronic Components Datasheet Search
  English  ▼

X  

LRYYTP Datasheet(PDF) 5 Page - Littelfuse

Part # LRYYTP
Description  8 Amp bi-directional solid state switch series is designed for AC switching and phase
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LRYYTP Datasheet(HTML) 5 Page - Littelfuse

  LRYYTP Datasheet HTML 1Page - Littelfuse LRYYTP Datasheet HTML 2Page - Littelfuse LRYYTP Datasheet HTML 3Page - Littelfuse LRYYTP Datasheet HTML 4Page - Littelfuse LRYYTP Datasheet HTML 5Page - Littelfuse LRYYTP Datasheet HTML 6Page - Littelfuse LRYYTP Datasheet HTML 7Page - Littelfuse LRYYTP Datasheet HTML 8Page - Littelfuse LRYYTP Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
79
©2010 Littelfuse, Inc
Revised: July 29, 2010 12:24 PM
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Teccor® brand Thyristors
Lxx08xx & Qxx08xx & Qxx08xHx Series
8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Static Characteristics
Symbol
Test Conditions
Value
Unit
V
TM
I
TM
p
MAX.
V
I
DRM
I
RRM
V
DRM = VRRM
T
J = 25°C
MAX.
20
μA
T
J = 110°C
0.5
mA
T
J = 25°C
400 - 1000V
50
μA
T
J = 125°C
400 - 800V
2
mA
T
J = 100°C
1000V
T
J = 25°C
400 - 800V
10
μA
1000V
20
T
J = 125°C
400 - 800V
2
mA
T
J = 100°C
1000V
Thermal Resistances
Symbol
Parameter
Value
Unit
R
(J-C)
Junction to case (AC)
1.5
°C/W
2.8
2.1
R
(J-A)
Junction to ambient
45
°C/W
50
Figure 2: Normalized DC Gate Trigger Current for
All Quadrants vs. Junction Temperature
Junction Temperature (T
J)- ºC
-65
-40
-15
10
35
60
85
110
125
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Figure 1: Definition of Quadrants
MT2 POSITIVE
(Positive Half Cycle)
MT2 NEGATIVE
(Negative Half Cycle)
MT1
MT2
+ I
GT
REF
QII
MT1
I
GT
GATE
MT2
REF
MT1
MT2
REF
MT1
MT2
REF
QI
QIV
QIII
ALL POLARITIES ARE REFERENCED TO MT1
(
-)
I
GT
GATE
(+)
I
GT -
I
GT
GATE
(
-)
I
GT
GATE
(+)
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com