Electronic Components Datasheet Search
  English  ▼

X  

LRYYTP Datasheet(PDF) 14 Page - Littelfuse

Part # LRYYTP
Description  8 Amp bi-directional solid state switch series is designed for AC switching and phase
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LRYYTP Datasheet(HTML) 14 Page - Littelfuse

Back Button LRYYTP Datasheet HTML 6Page - Littelfuse LRYYTP Datasheet HTML 7Page - Littelfuse LRYYTP Datasheet HTML 8Page - Littelfuse LRYYTP Datasheet HTML 9Page - Littelfuse LRYYTP Datasheet HTML 10Page - Littelfuse LRYYTP Datasheet HTML 11Page - Littelfuse LRYYTP Datasheet HTML 12Page - Littelfuse LRYYTP Datasheet HTML 13Page - Littelfuse LRYYTP Datasheet HTML 14Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
88
Revised: July 29, 2010 12:24 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Lxx08xx & Qxx08xx & Qxx08xHx Series
CURRENT
08: 8A
SENSITIVITY & TYPE
Sensitive Triac:
6 : 5 mA (QI, II, III)
10 mA (QIV)
8 : 10 mA (QI, II, III)
20 mA (QIV)
Standard Triac:
4 : 25 mA (QI, II, III)
5 : 50 mA (QI, II, III)
Alternistor Triac:
H3 : 10 mA (QI, II, III)
H4 : 35 mA (QI, II, III)
PACKAGE TYPE
L : TO-220 Isolated
R : TO-220 Non-Isolated
N : TO-263 (D2PAK)
V : TO-251 (VPAK)
D : TO-252 (DPAK)
VOLTAGE RATING
40 : 400V
60 : 600V
80 : 800V
K0 : 1000V
LEAD FORM DIMENSIONS
xx : Lead Form Option
Q 60 08 L 5 56
DEVICE TYPE
L : Sensitive Triac
Q : Triac or Alternistor
Part Numbering System
Part Marking System
®
TO-252AA – (D Package)
TO-251AA – (V Package)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com