Electronic Components Datasheet Search
  English  ▼

X  

LRYYTP Datasheet(PDF) 1 Page - Littelfuse

Part # LRYYTP
Description  8 Amp bi-directional solid state switch series is designed for AC switching and phase
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LRYYTP Datasheet(HTML) 1 Page - Littelfuse

  LRYYTP Datasheet HTML 1Page - Littelfuse LRYYTP Datasheet HTML 2Page - Littelfuse LRYYTP Datasheet HTML 3Page - Littelfuse LRYYTP Datasheet HTML 4Page - Littelfuse LRYYTP Datasheet HTML 5Page - Littelfuse LRYYTP Datasheet HTML 6Page - Littelfuse LRYYTP Datasheet HTML 7Page - Littelfuse LRYYTP Datasheet HTML 8Page - Littelfuse LRYYTP Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
75
©2010 Littelfuse, Inc
Revised: July 29, 2010 12:24 PM
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Teccor® brand Thyristors
Lxx08xx & Qxx08xx & Qxx08xHx Series
8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Lxx08xx & Qxx08xx & Qxx08xHx Series
Main Features
Description
8 Amp bi-directional solid state switch series is designed
for AC switching and phase control applications such as
motor speed and temperature modulation controls, lighting
controls, and static switching relays.
Sensitive type devices guarantee gate control in Quadrants
I & IV needed for digital control circuitry.
Standard type devices normally operate in Quadrants I & III
triggered from AC line.
Alternistor type devices only operate in quadrants I, II, & III
and are used in circuits requiring high dv/dt capability.
Symbol
Value
Unit
I
T(RMS)
8A
V
DRM /VRRM
400 to 1000
V
I
GT (Q1)
5 to 50
mA
Features & Benefits
junctions
to 1000 V
to 100 A
“L-Package” is UL
recognized for 2500Vrms
eliminates arcing or
contact bounce that
create voltage transients
from reaction of switching
events
generation, depending on
activation point of
sine wave
activation pulse in each
half-cycle
Applications
such as heating, lighting, and motor speed controls.
Typical applications are AC solid-state switches, light
dimmers, power tools, home/brown goods and white
goods appliances.
Alternistor Triacs (no snubber required) are used in
highest commutation performance.
Internally constructed isolated packages are offered for
ease of heat sinking with highest isolation voltage.
Schematic Symbol
MT2
MT1
G
Agency Approval
Agency
Agency File Number
®
®


Similar Part No. - LRYYTP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRY8SF OSRAM-LRY8SF Datasheet
494Kb / 21P
Signal and Symbol Luminary
LRY8SF OSRAM-LRY8SF Datasheet
976Kb / 22P
Electronic Equipment
LRY8SF-U1V2-1 OSRAM-LRY8SF-U1V2-1 Datasheet
494Kb / 21P
Signal and Symbol Luminary
LRY8SF-U1V2-1 OSRAM-LRY8SF-U1V2-1 Datasheet
494Kb / 21P
Signal and Symbol Luminary
LRY8SF-U1V2-1 OSRAM-LRY8SF-U1V2-1 Datasheet
976Kb / 22P
Electronic Equipment
More results

Similar Description - LRYYTP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
4 Amp bi-directional solid state switch series is designed for AC switching
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
0.8 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
10 Amp bi-directional solid state switch series is designed for AC switching
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
12 Amp bi-directional solid state switch series is designed for AC switching
QXX25R5 LITTELFUSE-QXX25R5 Datasheet
278Kb / 11P
25 Amp bi-directional solid state switch series is designed for AC switching
QXX35P5 LITTELFUSE-QXX35P5 Datasheet
925Kb / 9P
30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
QXX40KH6 LITTELFUSE-QXX40KH6 Datasheet
216Kb / 7P
40 Amp bi-directional solid state switch series is designed for AC switching
Q6004L4 LITTELFUSE-Q6004L4 Datasheet
905Kb / 10P
4 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
6 Amp bi-directional solid state switch series is designed for AC switching
Q6016LH456 LITTELFUSE-Q6016LH456 Datasheet
974Kb / 9P
15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com