Electronic Components Datasheet Search
  English  ▼

X  

LRYYTP Datasheet(PDF) 11 Page - Littelfuse

Part # LRYYTP
Description  8 Amp bi-directional solid state switch series is designed for AC switching and phase
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LRYYTP Datasheet(HTML) 11 Page - Littelfuse

Back Button LRYYTP Datasheet HTML 6Page - Littelfuse LRYYTP Datasheet HTML 7Page - Littelfuse LRYYTP Datasheet HTML 8Page - Littelfuse LRYYTP Datasheet HTML 9Page - Littelfuse LRYYTP Datasheet HTML 10Page - Littelfuse LRYYTP Datasheet HTML 11Page - Littelfuse LRYYTP Datasheet HTML 12Page - Littelfuse LRYYTP Datasheet HTML 13Page - Littelfuse LRYYTP Datasheet HTML 14Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
85
©2010 Littelfuse, Inc
Revised: July 29, 2010 12:24 PM
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Teccor® brand Thyristors
Lxx08xx & Qxx08xx & Qxx08xHx Series
8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Dimensions — TO-252AA (D-Package) — D-PAK Surface Mount
Dimension
Inches
Millimeters
Min
Typ
Max
Min
Typ
Max
A
0.040
0.050
1.02
B
0.245
C
0.108
D
0.205
0.208
5.21
5.41
0.255
0.80
0.84
G
2.21
2.28
0.085
2.41
I
0.184
4.55
J
0.018
0.020
0.51
0.58
K
0.040
0.044
1.02
1.12
L
0.018
0.020
0.51
0.58
M
0.000
0.000
0.004
0.00
0.00
0.10
0.021
O0°
0°
5°
0°
0°
5°
P
0.042
0.052
1.20
Q
0.044
1.00
1.11
M
O
N
H
J
L
K
.118
3
.063
1.60
.071
1.80
.264
6.71
.264
6.71
.181
4.60
GATE
MT2
MT1
MT2
T
C MEASURING POINT
G
I
D
E
A
B
C
F
5.28
.208
5.34
.210
: 0.040 IN2
AREA
P
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com