Electronic Components Datasheet Search
  English  ▼

X  

LRYYTP Datasheet(PDF) 12 Page - Littelfuse

Part # LRYYTP
Description  8 Amp bi-directional solid state switch series is designed for AC switching and phase
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LRYYTP Datasheet(HTML) 12 Page - Littelfuse

Back Button LRYYTP Datasheet HTML 6Page - Littelfuse LRYYTP Datasheet HTML 7Page - Littelfuse LRYYTP Datasheet HTML 8Page - Littelfuse LRYYTP Datasheet HTML 9Page - Littelfuse LRYYTP Datasheet HTML 10Page - Littelfuse LRYYTP Datasheet HTML 11Page - Littelfuse LRYYTP Datasheet HTML 12Page - Littelfuse LRYYTP Datasheet HTML 13Page - Littelfuse LRYYTP Datasheet HTML 14Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
86
Revised: July 29, 2010 12:24 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Lxx08xx & Qxx08xx & Qxx08xHx Series
Product Selector
Part Number
Voltage (xx)
Gate Sensitivity Quadrants
Type
Package
400V
600V
800V
1000V
I – II – III
IV
X
X
5 mA
10 mA
Sensitive Triac
TO-220L
X
X
5 mA
10 mA
Sensitive Triac
TO-252 D-PAK
X
X
5mA
10mA
Sensitive Triac
TO-220R
X
X
5 mA
10 mA
Sensitive Triac
TO-251 V-PAK
X
X
10 mA
20 mA
Sensitive Triac
TO-220L
X
X
10 mA
20 mA
Sensitive Triac
TO-252 D-PAK
X
X
10mA
20mA
Sensitive Triac
TO-220R
X
X
10 mA
20 mA
Sensitive Triac
TO-251 V-PAK
X
X
10 mA
Alternistor Triac
TO-220R
X
X
10 mA
Alternistor Triac
TO-251 V-PAK
X
X
10 mA
Alternistor Triac
TO-252 D-PAK
X
X
10 mA
Alternistor Triac
2-PAK
X
25 mA
Triac
TO-220L
X
25 mA
Triac
TO-220R
X
25 mA
Triac
XXX
X
Alternistor Triac
TO-220L
XXX
X
Alternistor Triac
TO-220R
XXX
X
Alternistor Triac
TO-251 V-PAK
XXX
X
Alternistor Triac
TO-252 D-PAK
XXX
X
Alternistor Triac
X
X
X
50 mA
Triac
TO-220L
X
X
X
50 mA
Triac
TO-220R
X
X
X
50 mA
Triac
Packing Options
Part Number
Marking
Weight
Packing Mode
Base Quantity
2.2 g
Bulk
500
2.2 g
Tube Pack
500 (50 per tube)
Tube
500 (50 per tube)
500
Tube
2500
0.4 g
Tube



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com