Electronic Components Datasheet Search
  English  ▼

X  

PCF2123 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PCF2123
Description  SPI Real time clock/calendar Time keeping application
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PCF2123 Datasheet HTML 21Page - NXP Semiconductors PCF2123 Datasheet HTML 22Page - NXP Semiconductors PCF2123 Datasheet HTML 23Page - NXP Semiconductors PCF2123 Datasheet HTML 24Page - NXP Semiconductors PCF2123 Datasheet HTML 25Page - NXP Semiconductors PCF2123 Datasheet HTML 26Page - NXP Semiconductors PCF2123 Datasheet HTML 27Page - NXP Semiconductors PCF2123 Datasheet HTML 28Page - NXP Semiconductors PCF2123 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 63 page
background image
PCF2123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 27 April 2011
25 of 63
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
8.7 Interrupt output
An active LOW interrupt signal is available at pin INT. Operation is controlled via the bits
of register Control_2. Interrupts may be sourced from four places: second and minute
timer, countdown timer, alarm function or offset function.
With bit TI_TP, the timer generated interrupts can be configured to either generate a pulse
or to follow the status of the interrupt flags (bits TF and MSF). Correction interrupt pulses
are always 1
⁄
128 second long. Alarm interrupts always follow the condition of AF.
Remark: Note that the interrupts from the four sources are wired-OR, meaning they will
mask one another (see Figure 16).
When bits SI, MI, TIE, AIE, and CIE are all disabled, pin INT will remain high-impedance.
Fig 16. Interrupt scheme
001aai555
SECONDS COUNTER
SI
0
1
MSF: MINUTE
SECOND FLAG
CLEAR
SET
PULSE
GENERATOR 1
CLEAR
TRIGGER
TE
SI
MI
MINUTES COUNTER
COUNTDOWN COUNTER
MI
from interface:
clear MSF
to interface:
read MSF
AF: ALARM
FLAG
CLEAR
SET
to interface:
read AF
0
1
TF: TIMER
CLEAR
SET
PULSE
GENERATOR 2
CLEAR
TRIGGER
TIE
INT
from interface:
clear TF
from interface:
clear AF
set alarm
flag, AF
offset circuit: add/substract
1/64 Hz pulse
to interface:
read TF
TI_TP
AIE
E.G.AIE
PULSE
GENERATOR 3
CLEAR
TRIGGER
CIE
from interface:
set CIE
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com