Electronic Components Datasheet Search
  English  ▼

X  

PCF2123 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PCF2123
Description  SPI Real time clock/calendar Time keeping application
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PCF2123 Datasheet HTML 23Page - NXP Semiconductors PCF2123 Datasheet HTML 24Page - NXP Semiconductors PCF2123 Datasheet HTML 25Page - NXP Semiconductors PCF2123 Datasheet HTML 26Page - NXP Semiconductors PCF2123 Datasheet HTML 27Page - NXP Semiconductors PCF2123 Datasheet HTML 28Page - NXP Semiconductors PCF2123 Datasheet HTML 29Page - NXP Semiconductors PCF2123 Datasheet HTML 30Page - NXP Semiconductors PCF2123 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 63 page
background image
PCF2123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 27 April 2011
27 of 63
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
The timing shown for clearing bit TF in Figure 18 is also valid for the non-pulsed interrupt
mode, i.e., when bit TI_TP = 0; INT may be shortened by setting bit TIE to logic 0.
8.7.3 Alarm interrupts
The generation of interrupts from the alarm function is controlled via bit AIE (see Table 7).
If bit AIE is enabled, the INT pin follows the condition of bit AF. Clearing bit AF will
immediately clear INT. No pulse generation is possible for alarm interrupts (see
Figure 19).
8.7.3.1
Correction pulse interrupts
Interrupt pulses generated by correction events can be shortened by writing logic 1 to bit
CIE in register Control_1.
(1) Indicates normal duration of INT pulse (bit TI_TP = 1).
Fig 18. Example of shortening the INT pulse by clearing the TF flag
001aaf909
01
countdown counter
CDTF
INT
SCL
instruction
n
CLEAR INSTRUCTION
8th clock
(1)
Example where only the minute alarm is used and no other interrupts are enabled.
Fig 19. AF timing
001aaf910
44
45
minute counter
minute alarm
AF
INT
SCL
instruction
45
CLEAR INSTRUCTION
8th clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com