Electronic Components Datasheet Search
  English  ▼

X  

PCF2123 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # PCF2123
Description  SPI Real time clock/calendar Time keeping application
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button PCF2123 Datasheet HTML 38Page - NXP Semiconductors PCF2123 Datasheet HTML 39Page - NXP Semiconductors PCF2123 Datasheet HTML 40Page - NXP Semiconductors PCF2123 Datasheet HTML 41Page - NXP Semiconductors PCF2123 Datasheet HTML 42Page - NXP Semiconductors PCF2123 Datasheet HTML 43Page - NXP Semiconductors PCF2123 Datasheet HTML 44Page - NXP Semiconductors PCF2123 Datasheet HTML 45Page - NXP Semiconductors PCF2123 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 63 page
background image
PCF2123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 27 April 2011
42 of 63
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
13. Dynamic characteristics
Table 45.
SPI-bus characteristics
VSS =0V; Tamb = −40 °C to +85 °C. All timing values are valid within the operating supply voltage and temperature range and
referenced to VIL and VIH with an input voltage swing of VSS to VDD.
Symbol
Parameter
Conditions
VDD = 1.6 V
VDD = 2.4 V
VDD = 3.3 V
VDD = 5.0 V
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Timing characteristics (see Figure 28)
fclk(SCL)
SCL clock frequency
-
2.9
-
4.54
-
5.71
-
8.0
MHz
tSCL
SCL time
345
-
220
-
175
-
125
-
ns
tclk(H)
clock HIGH time
90
-
50
-
45
-
40
-
ns
tclk(L)
clock LOW time
200
-
120
-
95
-
70
-
ns
tr
rise time
for SCL signal
-
100
-
100
-
50
-
50
ns
tf
fall time
for SCL signal
-
100
-
100
-
50
-
50
ns
tsu(CE)
CE set-up time
40
-
35
-
30
-
25
-
ns
th(CE)
CE hold time
40
-
30
-
25
-
15
-
ns
trec(CE)
CE recovery time
30
-
25
-
20
-
15
-
ns
tw(CE)
CE pulse width
measured after valid
subaddress is
received
-
0.99
-
0.99
-
0.99
-
0.99
s
tsu
set-up time
set-up time for SDI
data
10
-
5
-3
-2
-ns
th
hold time
hold time for SDI data 25
-
10
-
8
-
5
-
ns
td(R)SDO
SDO read delay time
bus load = 50 pF
-
190
-
108
-
85
-
60
ns
tdis(SDO)
SDO disable time
no load value; bus will
be held up by bus
capacitance; use RC
time constant with
application values
-
70
-
45
-
40
-
27
ns
tt(SDI-SDO) transition time from
SDI to SDO
to avoid bus conflict
0
-
0
-
0
-
0
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com