Electronic Components Datasheet Search
  English  ▼

X  

PCF2123 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF2123
Description  SPI Real time clock/calendar Time keeping application
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF2123 Datasheet HTML 2Page - NXP Semiconductors PCF2123 Datasheet HTML 3Page - NXP Semiconductors PCF2123 Datasheet HTML 4Page - NXP Semiconductors PCF2123 Datasheet HTML 5Page - NXP Semiconductors PCF2123 Datasheet HTML 6Page - NXP Semiconductors PCF2123 Datasheet HTML 7Page - NXP Semiconductors PCF2123 Datasheet HTML 8Page - NXP Semiconductors PCF2123 Datasheet HTML 9Page - NXP Semiconductors PCF2123 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
PCF2123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 27 April 2011
6 of 63
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
8.
Functional description
The PCF2123 contains 16 8-bit registers with an auto-incrementing address counter, an
on-chip 32.768 kHz oscillator with two integrated load capacitors, a frequency divider
which provides the source clock for the Real Time Clock (RTC), a programmable clock
output, and a 6.25 Mbit/s SPI-bus. An offset register allows fine tuning of the clock.
All 16 registers are designed as addressable 8-bit parallel registers although not all bits
are implemented.
• The first two registers (memory address 00h and 01h) are used as control registers.
• The memory addresses 02h through 08h are used as counters for the clock function
(seconds up to years). The registers Seconds, Minutes, Hours, Days, Weekdays,
Months, and Years are all coded in Binary Coded Decimal (BCD) format. When one of
the RTC registers is written or read the contents of all counters are frozen. Therefore,
faulty writing or reading of the clock and calendar during a carry condition is
prevented.
• Addresses 09h through 0Ch define the alarm condition.
• Address 0Dh defines the offset calibration.
• Address 0Eh defines the clock out and timer mode.
• Address registers 0Eh and 0Fh are used for the countdown timer function. The
countdown timer has four selectable source clocks allowing for countdown periods in
the range from 244
μs up to four hours. There are also two pre-defined timers which
can be used to generate an interrupt once per second or once per minute. These are
defined in register Control_2 (01h).
8.1 Low power operation
Minimum power operation will be achieved by reducing the number and frequency of
switching signals inside the IC, i.e., low frequency timer clocks and a low frequency
CLKOUT will result in lower operating power. A second prime consideration is the series
resistance Rs of the quartz used.
8.1.1 Power consumption with respect to quartz series resistance
The series resistance acts as a loss element. Low Rs will reduce current consumption
further.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com