Electronic Components Datasheet Search
  English  ▼

X  

PCF2123 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCF2123
Description  SPI Real time clock/calendar Time keeping application
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123 Datasheet(HTML) 1 Page - NXP Semiconductors

  PCF2123 Datasheet HTML 1Page - NXP Semiconductors PCF2123 Datasheet HTML 2Page - NXP Semiconductors PCF2123 Datasheet HTML 3Page - NXP Semiconductors PCF2123 Datasheet HTML 4Page - NXP Semiconductors PCF2123 Datasheet HTML 5Page - NXP Semiconductors PCF2123 Datasheet HTML 6Page - NXP Semiconductors PCF2123 Datasheet HTML 7Page - NXP Semiconductors PCF2123 Datasheet HTML 8Page - NXP Semiconductors PCF2123 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
1.
General description
The PCF2123 is a CMOS1 Real-Time Clock (RTC) and calendar optimized for low power
applications. Data is transferred serially via a Serial Peripheral Interface (SPI-bus) with a
maximum data rate of 6.25 Mbit/s. An alarm and timer function is also available providing
the possibility to generate a wake-up signal on an interrupt pin. An offset register allows
fine tuning of the clock.
2.
Features and benefits
Real time clock provides year, month, day, weekday, hours, minutes, and seconds
based on a 32.768 kHz quartz crystal
Low backup current while running: typical 100 nA at VDD = 2.0 V and Tamb =25 °C
Resolution: seconds to years
Watchdog functionality
Freely programmable timer and alarm with interrupt capability
Clock operating voltage: 1.1 V to 5.5 V
3 line SPI-bus with separate, but combinable data input and output
Serial interface at VDD =1.6 Vto5.5 V
1 second or 1 minute interrupt output
Integrated oscillator load capacitors for CL =7pF
Internal Power-On Reset (POR)
Open-drain interrupt and clock output pins
Programmable offset register for frequency adjustment
3.
Applications
Time keeping application
Battery powered devices
Metering
High duration timers
Daily alarms
Low standby power applications
PCF2123
SPI Real time clock/calendar
Rev. 5 — 27 April 2011
Product data sheet
1.
The definition of the abbreviations and acronyms used in this data sheet can be found in Section 21.


Similar Part No. - PCF2123

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2123 NXP-PCF2123 Datasheet
239Kb / 54P
SPI Real time clock/calendar
Rev. 01-19 November 2008
PCF2123 NXP-PCF2123 Datasheet
1Mb / 55P
SPI Real time clock/calendar
Rev. 02-4 December 2009
PCF2123 NXP-PCF2123 Datasheet
715Kb / 65P
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 7-30 March 2018
PCF2123 NXP-PCF2123 Datasheet
677Kb / 59P
Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 4-30 March 2018
PCF2123 NXP-PCF2123 Datasheet
1Mb / 86P
Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
Rev. 1.0-26 July 2021
More results

Similar Description - PCF2123

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8563 PHILIPS-PCF8563 Datasheet
692Kb / 30P
Real-time clock/calendar
16 April 1999
logo
Xicor Inc.
X1205 XICOR-X1205 Datasheet
407Kb / 22P
Real Time Clock/Calendar
logo
NXP Semiconductors
PCA2125 NXP-PCA2125 Datasheet
1Mb / 40P
SPI Real time clock / calendar
Rev.00.11-30 January 2007
PCF2123 NXP-PCF2123 Datasheet
239Kb / 54P
SPI Real time clock/calendar
Rev. 01-19 November 2008
PCA2125 NXP-PCA2125_08 Datasheet
189Kb / 36P
SPI Real-time clock/calendar
Rev. 01-28 July 2008
PCF2123 NXP-PCF2123_09 Datasheet
1Mb / 55P
SPI Real time clock/calendar
Rev. 02-4 December 2009
PCF8563 NXP-PCF8563_11 Datasheet
466Kb / 45P
Real-time clock/calendar
Rev. 9-16 June 2011
PCA21125 NXP-PCA21125 Datasheet
1Mb / 42P
SPI-bus Real-Time Clock and calendar
Rev. 01-16 November 2009
logo
Micro Analog systems
MCP795WXX MAS-MCP795WXX Datasheet
969Kb / 54P
SPI Real-Time Clock Calendar
logo
NXP Semiconductors
PCF8563TF4.118 NXP-PCF8563TF4.118 Datasheet
492Kb / 50P
Real-time clock/calendar
Rev. 10-3 April 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com