Electronic Components Datasheet Search
  English  ▼

X  

DS9101 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS9101
Description  Logs Up to 2048 Consecutive Temperature Thermochron iButton
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS9101 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS9101 Datasheet HTML 3Page - Maxim Integrated Products DS9101 Datasheet HTML 4Page - Maxim Integrated Products DS9101 Datasheet HTML 5Page - Maxim Integrated Products DS9101 Datasheet HTML 6Page - Maxim Integrated Products DS9101 Datasheet HTML 7Page - Maxim Integrated Products DS9101 Datasheet HTML 8Page - Maxim Integrated Products DS9101 Datasheet HTML 9Page - Maxim Integrated Products DS9101 Datasheet HTML 10Page - Maxim Integrated Products DS9101 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
Detailed Description
The DS1921G Thermochron iButton is an ideal device
to monitor the temperature of any object it is attached
to or shipped with, such as perishable goods or con-
tainers of temperature-sensitive chemicals. The
read/write NV memory can store an electronic copy of
shipping information, date of manufacture and other
important data written as clear as well as encrypted
files. Note that the initial sealing level of the DS1921G
achieves IP56. Aging and use conditions can degrade
the integrity of the seal over time, therefore, for applica-
tions with significant exposure to liquids, sprays, or
other similar environments, it is recommended to place
the Thermochron in the DS9107 iButton capsule. The
DS9107 provides a watertight enclosure that has been
rated to IP68 (refer to Application Note 4126:
Understanding the IP (Ingress Protection) Ratings of
iButton Data Loggers and Capsule).
Overview
Figure 1 shows the relationships between the major
control and memory sections of the DS1921G. The
device has seven main data components: 64-bit
lasered ROM; 256-bit scratchpad; 4096-bit general-
purpose SRAM; 256-bit register page of timekeeping,
control, and counter registers; 96 bytes of alarm time-
stamp and duration logging memory; 126 bytes of
Thermochron iButton
_______________________________________________________________________________________
7
GENERAL-PURPOSE
SRAM
ALARM TIMESTAMP AND
DURATION LOGGING
MEMORY
REGISTER PAGE
MEMORY
FUNCTION
CONTROL
64-BIT
LASERED
ROM
256-BIT
SCRATCHPAD
CONTROL
LOGIC
32.768kHz
OSCILLATOR
3V LITHIUM
IO
TEMPERATURE
CORE
DATA-LOG MEMORY
INTERNAL
TIMEKEEPING,
CONTROL REGISTERS,
AND COUNTERS
HISTOGRAM
MEMORY
ROM
FUNCTION
CONTROL
1-Wire PORT
PARASITE-POWERED
CIRCUITRY
DS1921G
Figure 1. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com