Electronic Components Datasheet Search
  English  ▼

X  

DS9101 Datasheet(PDF) 23 Page - Maxim Integrated Products

Part # DS9101
Description  Logs Up to 2048 Consecutive Temperature Thermochron iButton
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS9101 Datasheet(HTML) 23 Page - Maxim Integrated Products

Back Button DS9101 Datasheet HTML 19Page - Maxim Integrated Products DS9101 Datasheet HTML 20Page - Maxim Integrated Products DS9101 Datasheet HTML 21Page - Maxim Integrated Products DS9101 Datasheet HTML 22Page - Maxim Integrated Products DS9101 Datasheet HTML 23Page - Maxim Integrated Products DS9101 Datasheet HTML 24Page - Maxim Integrated Products DS9101 Datasheet HTML 25Page - Maxim Integrated Products DS9101 Datasheet HTML 26Page - Maxim Integrated Products DS9101 Datasheet HTML 27Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
Thermochron iButton
______________________________________________________________________________________
23
FROM FIGURE 10a
TO FIGURE 10a
TO FIGURE 10c
FROM FIGURE 10c
A5h
READ MEMORY
WITH CRC
N
Y
Y
N
MASTER Tx RESET?
CRC OK?
MASTER Tx
TA1 [T7:T0], TA2 [T15:T8]
DS1921G SETS
EMCLR = 0
MASTER Rx DATA BYTE
FROM MEMORY ADDRESS
MASTER Tx
RESET
DS1921G SETS MEMORY
ADDRESS = [T15:T0]
Y
Y
N
N
END OF PAGE?
DECISION MADE
BY MASTER
DECISION MADE
BY DS1921G
Y
N
N
END OF
MEMORY?
MASTER Rx "0"
MASTER Rx CRC-16 OF
COMMAND, ADDRESS, DATA
(1ST PASS); CRC-16 OF DATA
(SUBSEQUENT PASSES)
DS1921G
INCREMENTS
ADDRESS
COUNTER
N
Y
DS1921G CLEARS ALARM
TIMESTAMPS AND DURATIONS
MASTER Tx RESET?
Y
DS1921G CLEARS MISSION
TIMESTAMP, MISSION
SAMPLES COUNTER, MISSION
START DELAY, SAMPLE RATE
REGISTER
3Ch
CLEAR MEMORY
N
Y
DS1921G CLEARS HISTOGRAM
MEMORY
DS1921G SETS
EMCLR = 0
DS1921G SETS
MEMCLR = 1
EMCLR = 1?
DS1921G SETS
EMCLR = 0
DS1921G SETS
MEMORY ADDRESS = [T15:T0]
DS1921G
INCREMENTS
ADDRESS
COUNTER
F0h
READ MEMORY?
N
Y
Y
N
Y
N
MASTER Tx RESET?
END OF
MEMORY?
MASTER Rx
TA1 [T7:T0], TA2 [T15:T8]
MASTER Rx DATA BYTE FROM
MEMORY ADDRESS
MASTER Rx
00 BYTE
Figure 10b. Memory/Control Function Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com