Electronic Components Datasheet Search
  English  ▼

X  

DS9101 Datasheet(PDF) 34 Page - Maxim Integrated Products

Part # DS9101
Description  Logs Up to 2048 Consecutive Temperature Thermochron iButton
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS9101 Datasheet(HTML) 34 Page - Maxim Integrated Products

Back Button DS9101 Datasheet HTML 30Page - Maxim Integrated Products DS9101 Datasheet HTML 31Page - Maxim Integrated Products DS9101 Datasheet HTML 32Page - Maxim Integrated Products DS9101 Datasheet HTML 33Page - Maxim Integrated Products DS9101 Datasheet HTML 34Page - Maxim Integrated Products DS9101 Datasheet HTML 35Page - Maxim Integrated Products DS9101 Datasheet HTML 36Page - Maxim Integrated Products DS9101 Datasheet HTML 37Page - Maxim Integrated Products DS9101 Datasheet HTML 38Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
With the Read Scratchpad command, the CRC is gen-
erated by first clearing the CRC generator and then
shifting in the command code, the target addresses
TA1 and TA2, the E/S byte, and the scratchpad data
starting at the target address. The DS1921G transmits
this CRC only if the reading continues through the end
of the scratchpad, regardless of the actual ending off-
set. For more information on generating CRC values
refer to Application Note 27:
Understanding and Using
Cyclic Redundancy Checks with Maxim iButton
Products.
Thermochron iButton
34
______________________________________________________________________________________
1ST
STAGE
2ND
STAGE
3RD
STAGE
4TH
STAGE
7TH
STAGE
8TH
STAGE
6TH
STAGE
5TH
STAGE
X0
X1
X2
X3
X4
POLYNOMIAL = X16 + X15 + X2 + 1
INPUT DATA
CRC OUTPUT
X5
X6
11TH
STAGE
12TH
STAGE
15TH
STAGE
14TH
STAGE
13TH
STAGE
X11
X12
9TH
STAGE
10TH
STAGE
X9
X10
X13
X14
X7
16TH
STAGE
X16
X15
X8
Figure 16. CRC-16 Hardware Description and Polynomial
Command-Specific 1-Wire Communication Protocol—Legend
SYMBOL
DESCRIPTION
RST
1-Wire reset pulse generated by master
PD
1-Wire presence pulse generated by slave
Select
Command and data to satisfy the ROM function protocol (Skip ROM, Search ROM, etc.)
WS
Command: “Write Scratchpad”
RS
Command: “Read Scratchpad”
CPS
Command: “Copy Scratchpad”
RM
Command: “Read Memory”
RMC
Command: “Read Memory with CRC”
CM
Command: “Clear Memory”
CT
Command: “Convert Temperature”
TA
Target Address TA1, TA2
TA-E/S
Target Address TA1, TA2 with E/S byte
<data to EOS>
Transfer of as many data bytes as are needed to reach the scratchpad offset 1Fh
<data to EOP>
Transfer of as many data bytes as are needed to reach the end of a memory page
<data to EOM>
Transfer of as many data bytes as are needed to reach the end of the data-log memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com