Electronic Components Datasheet Search
  English  ▼

X  

DS9101 Datasheet(PDF) 42 Page - Maxim Integrated Products

Part # DS9101
Description  Logs Up to 2048 Consecutive Temperature Thermochron iButton
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS9101 Datasheet(HTML) 42 Page - Maxim Integrated Products

Back Button DS9101 Datasheet HTML 34Page - Maxim Integrated Products DS9101 Datasheet HTML 35Page - Maxim Integrated Products DS9101 Datasheet HTML 36Page - Maxim Integrated Products DS9101 Datasheet HTML 37Page - Maxim Integrated Products DS9101 Datasheet HTML 38Page - Maxim Integrated Products DS9101 Datasheet HTML 39Page - Maxim Integrated Products DS9101 Datasheet HTML 40Page - Maxim Integrated Products DS9101 Datasheet HTML 41Page - Maxim Integrated Products DS9101 Datasheet HTML 42Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 42 / 42 page
background image
Thermochron iButton
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
42 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 2011 Maxim Integrated Products
Maxim is a registered trademark of Maxim Integrated Products, Inc.
Revision History
REVISION
DATE
DESCRIPTION
PAGES
CHANGED
Added bullet “Water resistant or waterproof if placed inside DS9107 iButton capsule (Exceeds Water
Resistant 3 ATM requirements)”
Deleted “application pending” from UL bullet and safety statement
120407
Added text to Detailed Description section: Note that the initial sealing level of DS1921G achieves
IP56. Aging and use conditions can degrade the integrity of the seal over time, so for applications
with significant exposure to liquids, sprays, or other similar environments, it is recommended to
place the Thermochron in the DS9107 iButton capsule. The DS9107 provides a watertight enclosure
that has been rated to IP68 (See www.maxim-ic.com/AN4126)
1, 2
4/09
Created newer template-style data sheet
All
4/10
Overdrive specifications for tRSTL, tPDL, and tW0L split into range VPUP > 4.5V and full range. New
values for the full range
2–4
4/11
Updated UL certificate reference; deleted
from the tW1L specification in the Electrical Characteristics
table; applied note 13 to the tW0L specification in the Electrical Characteristics table; added more
details to Electrical Characteristics table notes 7, 13
, and 14
1, 3, 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com