Electronic Components Datasheet Search
  English  ▼

X  

DS9101 Datasheet(PDF) 29 Page - Maxim Integrated Products

Part # DS9101
Description  Logs Up to 2048 Consecutive Temperature Thermochron iButton
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS9101 Datasheet(HTML) 29 Page - Maxim Integrated Products

Back Button DS9101 Datasheet HTML 25Page - Maxim Integrated Products DS9101 Datasheet HTML 26Page - Maxim Integrated Products DS9101 Datasheet HTML 27Page - Maxim Integrated Products DS9101 Datasheet HTML 28Page - Maxim Integrated Products DS9101 Datasheet HTML 29Page - Maxim Integrated Products DS9101 Datasheet HTML 30Page - Maxim Integrated Products DS9101 Datasheet HTML 31Page - Maxim Integrated Products DS9101 Datasheet HTML 32Page - Maxim Integrated Products DS9101 Datasheet HTML 33Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
Thermochron iButton
______________________________________________________________________________________
29
DS1921G Tx
PRESENCE PULSE
MASTER Tx
RESET PULSE
MASTER Tx ROM
FUNCTION COMMAND
DS1921G Tx
CRC BYTE
*TO BE TRANSMITTED OR RECEIVED AT OVERDRIVE SPEED IF OD = 1.
** PRESENCE PULSE IS SHORT IF OD = 1.
DS1921G Tx
FAMILY CODE
(1 BYTE)
DS1921G Tx
SERIAL NUMBER
(6 BYTES)
OD = 0
MASTER Tx BIT 0
Y
SHORT
RESET PULSE?
Y
Y
Y
Y
Y
Y
N
33h
READ ROM
COMMAND?
N
55h
MATCH ROM
COMMAND?
BIT 0 MATCH?
BIT 0 MATCH?
N
N
N
N
N
N
N
F0h
SEARCH ROM
COMMAND?
N
ECh
CONDITIONAL SEARCH
COMMAND?
N
Y
MASTER Tx BIT 1
MASTER Tx BIT 63
BIT 1 MATCH?
BIT 63 MATCH?
Y
Y
FROM MEMORY/CONTROL
FUNCTIONS FLOWCHART (FIGURE 10)
TO MEMORY FUNCTIONS
FLOWCHART (FIGURE 10)
DS1921G Tx BIT 0
DS1921G Tx BIT 0
MASTER Tx BIT 0
BIT 1 MATCH?
BIT 63 MATCH?
DS1921G Tx BIT 1
DS1921G Tx BIT 1
MASTER Tx BIT 1
DS1921G Tx BIT 63
DS1921G Tx BIT 63
MASTER Tx BIT 63
Y
BIT 0 MATCH?
N
N
N
Y
Y
DS1921G Tx BIT 0
DS1921G Tx BIT 0
MASTER Tx BIT 0
CONDITION
MET?
N
Y
BIT 1 MATCH?
BIT 63 MATCH?
DS1921G Tx BIT 1
DS1921G Tx BIT 1
MASTER Tx BIT 1
DS1921G Tx BIT 63
DS1921G Tx BIT 63
MASTER Tx BIT 63
Y
FROM FIGURE 13b
TO FIGURE 13b
TO FIGURE 13b
FROM FIGURE 13b
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
**
*
*
*
*
*
*
*
Figure 13a. ROM Functions Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com