Electronic Components Datasheet Search
  English  ▼

X  

DS9101 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS9101
Description  Logs Up to 2048 Consecutive Temperature Thermochron iButton
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS9101 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS9101 Datasheet HTML 4Page - Maxim Integrated Products DS9101 Datasheet HTML 5Page - Maxim Integrated Products DS9101 Datasheet HTML 6Page - Maxim Integrated Products DS9101 Datasheet HTML 7Page - Maxim Integrated Products DS9101 Datasheet HTML 8Page - Maxim Integrated Products DS9101 Datasheet HTML 9Page - Maxim Integrated Products DS9101 Datasheet HTML 10Page - Maxim Integrated Products DS9101 Datasheet HTML 11Page - Maxim Integrated Products DS9101 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
Thermochron iButton
8
_______________________________________________________________________________________
AVAILABLE COMMANDS:
COMMAND CODES:
DATA FIELD AFFECTED:
READ ROM
MATCH ROM
SEARCH ROM
SKIP ROM
OVERDRIVE-SKIP ROM
OVERDRIVE-MATCH ROM
CONDITIONAL SEARCH ROM
33h
55h
F0h
CCh
3Ch
69h
ECh
64-BIT ROM
64-BIT ROM
64-BIT ROM
N/A
OD-FLAG
64-BIT ROM, OD-FLAG
64-BIT ROM, CONDITIONAL SEARCH
SETTINGS, DEVICE STATUS
1-Wire ROM
FUNCTION COMMANDS
WRITE SCRATCHPAD
READ SCRATCHPAD
COPY SCRATCHPAD
READ MEMORY
READ MEMORY WTH CRC
CLEAR MEMORY
CONVERT TEMPERATURE
0Fh
AAh
55h
F0h
A5h
3Ch
44h
256-BIT SCRATCHPAD, FLAGS
256-BIT SCRATCHPAD
4096-BIT SRAM, REGISTERS, FLAGS
ALL MEMORY
ALL MEMORY
MISSION TIMESTAMP, MISSION SAMPLES COUNTER,
START DELAY, SAMPLE RATE, ALARM TIMESTAMPS
AND DURATIONS, HISTOGRAM MEMORY
MEMORY ADDRESS 211h
DS1921G-SPECIFIC
MEMORY/CONTROL
FUNCTION COMMANDS
COMMAND LEVEL:
BUS
MASTER
1-Wire NET
OTHER DEVICES
DS1921G
Figure 2. Hierarchical Structure for 1-Wire Protocol
histogram memory; and 2048 bytes of data-logging
memory. Except for the ROM and the scratchpad, all
other memory is arranged in a single linear address
space. All memory reserved for logging purposes,
including counter registers and several other regis-
ters, is read-only for the user. The timekeeping and
control registers are write protected while the device
is programmed for a mission.
The hierarchical structure of the 1-Wire protocol is
shown in Figure 2. The bus master must first provide
one of the seven ROM function commands: Read ROM,
Match ROM, Search ROM, Conditional Search ROM,
Skip ROM, Overdrive-Skip ROM, or Overdrive-Match
ROM. Upon completion of an Overdrive ROM com-
mand byte executed at standard speed, the device
enters overdrive mode, where all subsequent communi-
cation occurs at a higher speed. The protocol required
for these ROM function commands is described in
Figure 13. After a ROM function command is success-
fully executed, the memory functions become accessi-
ble and the master can provide any one of the seven
available commands. The protocol for these memory
function commands is described in Figure 10. All data
is read and written least significant bit first.
Parasite Power
Figure 1 shows the parasite-powered circuitry. This cir-
cuitry “steals” power whenever the IO input is high. IO
provides sufficient power as long as the specified tim-
ing and voltage requirements are met. The advantages
of parasite power are two-fold: 1) By parasiting off this
input, battery power is not consumed for 1-Wire ROM
function commands, and 2) if the battery is exhausted
for any reason, the ROM may still be read normally. The
remaining circuitry of the DS1921G is solely operated
by battery energy.
64-Bit Lasered ROM
Each DS1921G contains a unique ROM code that is 64
bits long. The first 8 bits are a 1-Wire family code. The
next 48 bits are a unique serial number. The last 8 bits
are a cyclic redundancy check (CRC) of the first 56 bits
(see Figure 3 for details). The 1-Wire CRC is generated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com